Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 59 Page - Nisshinbo Micro Devices Inc.

Part # CMS06
Description  1.2 A, 30 V Step-Down DC/DC Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

CMS06 Datasheet(HTML) 59 Page - Nisshinbo Micro Devices Inc.

Back Button CMS06 Datasheet HTML 55Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 56Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 57Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 58Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 59Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 60Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 61Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 62Page - Nisshinbo Micro Devices Inc. CMS06 Datasheet HTML 63Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
PART MARKINGS
R1245K
Ver.B
①②③④
: Product Code … Refer to Part Marking List
⑤⑥
: Lot Number … Alphanumeric Serial Number
87
65
1234


DFN(PL)2020-8 Part Markings
NOTICE
There can be variation in the marking when different AOI (Automated Optical Inspection) equipment is used. In
the case of recognizing the marking characteristic with AOI, please contact our sales or our distributor before
attempting to use AOI.
R1245K Part Marking List
Product Name
①②③④
R1245K003A
DC0 1
R1245K003B
DC0 2
R1245K003C
DC0 3
R1245K003D
DC0 4
R1245K003E
DC0 5
R1245K003F
DC0 6
R1245K003G
DC0 7
R1245K003H
DC0 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com