Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 142 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 142 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 138Page - Silicon Laboratories C8051F310 Datasheet HTML 139Page - Silicon Laboratories C8051F310 Datasheet HTML 140Page - Silicon Laboratories C8051F310 Datasheet HTML 141Page - Silicon Laboratories C8051F310 Datasheet HTML 142Page - Silicon Laboratories C8051F310 Datasheet HTML 143Page - Silicon Laboratories C8051F310 Datasheet HTML 144Page - Silicon Laboratories C8051F310 Datasheet HTML 145Page - Silicon Laboratories C8051F310 Datasheet HTML 146Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
142
Rev. 1.7
SFR Definition 13.15. P3: Port3
SFR Definition 13.16. P3MDIN: Port3 Input Mode
Bits7–0: P3.[7:0]
Write - Output appears on I/O pins.
0: Logic Low Output.
1: Logic High Output (high impedance if corresponding P3MDOUT.n bit = 0).
Read - Always reads ‘1’ if selected as analog input in register P3MDIN. Directly reads Port
pin when configured as digital input.
0: P3.n pin is logic low.
1: P3.n pin is logic high.
Note:
Only P3.0–P3.4 are associated with Port pins on C8051F310/2/4 devices; Only P3.0 is associated with a
Port pin on C8051F311/3/5/6/7 devices.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0xB0
Bits7–5: UNUSED. Read = 000b; Write = don’t care.
Bits4–0: Input Configuration Bits for P3.4–P3.0 (respectively).
Port pins configured as analog inputs have their weak pullup, digital driver, and digital
receiver disabled.
0: Corresponding P3.n pin is configured as an analog input.
1: Corresponding P3.n pin is not configured as an analog input.
Note:
Only P3.0–P3.4 are associated with Port pins on C8051F310/2/4 devices; Only P3.0 is associated with a
Port pin on C8051F311/3/5/6/7 devices.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com