Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 138 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 138 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 134Page - Silicon Laboratories C8051F310 Datasheet HTML 135Page - Silicon Laboratories C8051F310 Datasheet HTML 136Page - Silicon Laboratories C8051F310 Datasheet HTML 137Page - Silicon Laboratories C8051F310 Datasheet HTML 138Page - Silicon Laboratories C8051F310 Datasheet HTML 139Page - Silicon Laboratories C8051F310 Datasheet HTML 140Page - Silicon Laboratories C8051F310 Datasheet HTML 141Page - Silicon Laboratories C8051F310 Datasheet HTML 142Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
138
Rev. 1.7
SFR Definition 13.7. P1: Port1
SFR Definition 13.8. P1MDIN: Port1 Input Mode
Bits7–0: P1.[7:0]
Write - Output appears on I/O pins per Crossbar Registers.
0: Logic Low Output.
1: Logic High Output (high impedance if corresponding P1MDOUT.n bit = 0).
Read - Always reads ‘1’ if selected as analog input in register P1MDIN. Directly reads Port
pin when configured as digital input.
0: P1.n pin is logic low.
1: P1.n pin is logic high.
Note:
Only P1.0–P1.5 are associated with Port pins on the C8051F316/7 devices.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0x90
Bits7–0: Analog Input Configuration Bits for P1.7-P1.0 (respectively).
Port pins configured as analog inputs have their weak pullup, digital driver, and digital
receiver disabled.
0: Corresponding P1.n pin is configured as an analog input.
1: Corresponding P1.n pin is not configured as an analog input.
Note:
Only P1.0–P1.5 are associated with Port pins on the C8051F316/7 devices.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com