Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 141 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 141 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 137Page - Silicon Laboratories C8051F310 Datasheet HTML 138Page - Silicon Laboratories C8051F310 Datasheet HTML 139Page - Silicon Laboratories C8051F310 Datasheet HTML 140Page - Silicon Laboratories C8051F310 Datasheet HTML 141Page - Silicon Laboratories C8051F310 Datasheet HTML 142Page - Silicon Laboratories C8051F310 Datasheet HTML 143Page - Silicon Laboratories C8051F310 Datasheet HTML 144Page - Silicon Laboratories C8051F310 Datasheet HTML 145Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 228 page
background image
Rev. 1.7
141
C8051F310/1/2/3/4/5/6/7
SFR Definition 13.13. P2MDOUT: Port2 Output Mode
SFR Definition 13.14. P2SKIP: Port2 Skip
Bits7–0: Output Configuration Bits for P2.7–P2.0 (respectively): ignored if corresponding bit in regis-
ter P2MDIN is logic 0.
0: Corresponding P2.n Output is open-drain.
1: Corresponding P2.n Output is push-pull.
Note:
Only P2.0–P2.5 are associated with Port pins on the C8051F316/7 devices.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xA6
Bits7–0: P2SKIP[7:0]: Port2 Crossbar Skip Enable Bits.
These bits select Port pins to be skipped by the Crossbar Decoder. Port pins used as ana-
log inputs (for ADC or Comparator) or used as special functions (VREF input, external oscil-
lator circuit, CNVSTR input) should be skipped by the Crossbar.
0: Corresponding P2.n pin is not skipped by the Crossbar.
1: Corresponding P2.n pin is skipped by the Crossbar.
Note:
Only P2.0–P2.3 are associated with the Crossbar.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
-
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xD6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com