Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 154 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 154 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 150Page - Silicon Laboratories C8051F310 Datasheet HTML 151Page - Silicon Laboratories C8051F310 Datasheet HTML 152Page - Silicon Laboratories C8051F310 Datasheet HTML 153Page - Silicon Laboratories C8051F310 Datasheet HTML 154Page - Silicon Laboratories C8051F310 Datasheet HTML 155Page - Silicon Laboratories C8051F310 Datasheet HTML 156Page - Silicon Laboratories C8051F310 Datasheet HTML 157Page - Silicon Laboratories C8051F310 Datasheet HTML 158Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
154
Rev. 1.7
SFR Definition 14.2. SMB0CN: SMBus Control
Bit7:
MASTER: SMBus Master/Slave Indicator.
This read-only bit indicates when the SMBus is operating as a master.
0: SMBus operating in Slave Mode.
1: SMBus operating in Master Mode.
Bit6:
TXMODE: SMBus Transmit Mode Indicator.
This read-only bit indicates when the SMBus is operating as a transmitter.
0: SMBus in Receiver Mode.
1: SMBus in Transmitter Mode.
Bit5:
STA: SMBus Start Flag.
Write:
0: No Start generated.
1: When operating as a master, a START condition is transmitted if the bus is free (If the bus
is not free, the START is transmitted after a STOP is received or a timeout is detected). If
STA is set by software as an active Master, a repeated START will be generated after the
next ACK cycle.
Read:
0: No Start or repeated Start detected.
1: Start or repeated Start detected.
Bit4:
STO: SMBus Stop Flag.
Write:
0: No STOP condition is transmitted.
1: Setting STO to logic 1 causes a STOP condition to be transmitted after the next ACK
cycle. When the STOP condition is generated, hardware clears STO to logic 0. If both STA
and STO are set, a STOP condition is transmitted followed by a START condition.
Read:
0: No Stop condition detected.
1: Stop condition detected (if in Slave Mode) or pending (if in Master Mode).
Bit3:
ACKRQ: SMBus Acknowledge Request
This read-only bit is set to logic 1 when the SMBus has received a byte and needs the ACK
bit to be written with the correct ACK response value.
Bit2:
ARBLOST: SMBus Arbitration Lost Indicator.
This read-only bit is set to logic 1 when the SMBus loses arbitration while operating as a
transmitter. A lost arbitration while a slave indicates a bus error condition.
Bit1:
ACK: SMBus Acknowledge Flag.
This bit defines the out-going ACK level and records incoming ACK levels. It should be writ-
ten each time a byte is received (when ACKRQ=1), or read after each byte is transmitted.
0: A "not acknowledge" has been received (if in Transmitter Mode) OR will be transmitted (if
in Receiver Mode).
1: An "acknowledge" has been received (if in Transmitter Mode) OR will be transmitted (if in
Receiver Mode).
Bit0:
SI: SMBus Interrupt Flag.
This bit is set by hardware under the conditions listed in Table 14.3. SI must be cleared by
software. While SI is set, SCL is held low and the SMBus is stalled.
R
R
R/W
R/W
R
R
R/W
R/W
Reset Value
MASTER TXMODE
STA
STO
ACKRQ ARBLOST
ACK
SI
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit Addressable
SFR Address:
0xC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com