Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 156 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 156 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 152Page - Silicon Laboratories C8051F310 Datasheet HTML 153Page - Silicon Laboratories C8051F310 Datasheet HTML 154Page - Silicon Laboratories C8051F310 Datasheet HTML 155Page - Silicon Laboratories C8051F310 Datasheet HTML 156Page - Silicon Laboratories C8051F310 Datasheet HTML 157Page - Silicon Laboratories C8051F310 Datasheet HTML 158Page - Silicon Laboratories C8051F310 Datasheet HTML 159Page - Silicon Laboratories C8051F310 Datasheet HTML 160Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
156
Rev. 1.7
14.4.3. Data Register
The SMBus Data register SMB0DAT holds a byte of serial data to be transmitted or one that has just been
received. Software may safely read or write to the data register when the SI flag is set. Software should not
attempt to access the SMB0DAT register when the SMBus is enabled and the SI flag is cleared to logic 0,
as the interface may be in the process of shifting a byte of data into or out of the register.
Data in SMB0DAT is always shifted out MSB first. After a byte has been received, the first bit of received
data is located at the MSB of SMB0DAT. While data is being shifted out, data on the bus is simultaneously
being shifted in. SMB0DAT always contains the last data byte present on the bus. In the event of lost arbi-
tration, the transition from master transmitter to slave receiver is made with the correct data or address in
SMB0DAT.
SFR Definition 14.3. SMB0DAT: SMBus Data
Bits7–0: SMB0DAT: SMBus Data.
The SMB0DAT register contains a byte of data to be transmitted on the SMBus serial inter-
face or a byte that has just been received on the SMBus serial interface. The CPU can read
from or write to this register whenever the SI serial interrupt flag (SMB0CN.0) is set to
logic 1. The serial data in the register remains stable as long as the SI flag is set. When the
SI flag is not set, the system may be in the process of shifting data in/out and the CPU
should not attempt to access this register.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com