Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 152 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 152 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 148Page - Silicon Laboratories C8051F310 Datasheet HTML 149Page - Silicon Laboratories C8051F310 Datasheet HTML 150Page - Silicon Laboratories C8051F310 Datasheet HTML 151Page - Silicon Laboratories C8051F310 Datasheet HTML 152Page - Silicon Laboratories C8051F310 Datasheet HTML 153Page - Silicon Laboratories C8051F310 Datasheet HTML 154Page - Silicon Laboratories C8051F310 Datasheet HTML 155Page - Silicon Laboratories C8051F310 Datasheet HTML 156Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
152
Rev. 1.7
SFR Definition 14.1. SMB0CF: SMBus Clock/Configuration
Bit7:
ENSMB: SMBus Enable.
This bit enables/disables the SMBus interface. When enabled, the interface constantly mon-
itors the SDA and SCL pins.
0: SMBus interface disabled.
1: SMBus interface enabled.
Bit6:
INH: SMBus Slave Inhibit.
When this bit is set to logic 1, the SMBus does not generate an interrupt when slave events
occur. This effectively removes the SMBus slave from the bus. Master Mode interrupts are
not affected.
0: SMBus Slave Mode enabled.
1: SMBus Slave Mode inhibited.
Bit5:
BUSY: SMBus Busy Indicator.
This bit is set to logic 1 by hardware when a transfer is in progress. It is cleared to logic 0
when a STOP or free-timeout is sensed.
Bit4:
EXTHOLD: SMBus Setup and Hold Time Extension Enable.
This bit controls the SDA setup and hold times according to Table 14.2.
0: SDA Extended Setup and Hold Times disabled.
1: SDA Extended Setup and Hold Times enabled.
Bit3:
SMBTOE: SMBus SCL Timeout Detection Enable.
This bit enables SCL low timeout detection. If set to logic 1, the SMBus forces Timer 3 to
reload while SCL is high and allows Timer 3 to count when SCL goes low. If Timer 3 is con-
figured in split mode (T3SPLIT is set), only the high byte of Timer 3 is held in reload while
SCL is high. Timer 3 should be programmed to generate interrupts at 25 ms, and the
Timer 3 interrupt service routine should reset SMBus communication.
Bit2:
SMBFTE: SMBus Free Timeout Detection Enable.
When this bit is set to logic 1, the bus will be considered free if SCL and SDA remain high for
more than 10 SMBus clock source periods.
Bits1–0: SMBCS1-SMBCS0: SMBus Clock Source Selection.
These two bits select the SMBus clock source, which is used to generate the SMBus bit
rate. The selected device should be configured according to Equation 14.1.
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset Value
ENSMB
INH
BUSY
EXTHOLD SMBTOE SMBFTE SMBCS1
SMBCS0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xC1
SMBCS1
SMBCS0
SMBus Clock Source
0
0
Timer 0 Overflow
0
1
Timer 1 Overflow
1
0
Timer 2 High Byte Overflow
1
1
Timer 2 Low Byte Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com