Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 155 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 155 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 151Page - Silicon Laboratories C8051F310 Datasheet HTML 152Page - Silicon Laboratories C8051F310 Datasheet HTML 153Page - Silicon Laboratories C8051F310 Datasheet HTML 154Page - Silicon Laboratories C8051F310 Datasheet HTML 155Page - Silicon Laboratories C8051F310 Datasheet HTML 156Page - Silicon Laboratories C8051F310 Datasheet HTML 157Page - Silicon Laboratories C8051F310 Datasheet HTML 158Page - Silicon Laboratories C8051F310 Datasheet HTML 159Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 228 page
background image
Rev. 1.7
155
C8051F310/1/2/3/4/5/6/7
Table 14.3. Sources for Hardware Changes to SMB0CN
Bit
Set by Hardware When...
Cleared by Hardware When...
MASTER
• A START is generated.
• A STOP is generated.
• Arbitration is lost.
TXMODE
• START is generated.
• SMB0DAT is written before the start of an
SMBus frame.
• A START is detected.
• Arbitration is lost.
• SMB0DAT is not written before the
start of an SMBus frame.
STA
• A START followed by an address byte is
received.
• Must be cleared by software.
STO
• A STOP is detected while addressed as a
slave.
• Arbitration is lost due to a detected STOP.
• A pending STOP is generated.
ACKRQ
• A byte has been received and an ACK
response value is needed.
• After each ACK cycle.
ARBLOST
• A repeated START is detected as a MASTER
when STA is low (unwanted repeated START).
• SCL is sensed low while attempting to gener-
ate a STOP or repeated START condition.
• SDA is sensed low while transmitting a ‘1’
(excluding ACK bits).
• Each time SI is cleared.
ACK
• The incoming ACK value is low (ACKNOWL-
EDGE).
• The incoming ACK value is high (NOT
ACKNOWLEDGE).
SI
• A START has been generated.
• Lost arbitration.
• A byte has been transmitted and an
ACK/NACK received.
• A byte has been received.
• A START or repeated START followed by a
slave address + R/W has been received.
• A STOP has been received.
• Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com