Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 159 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 159 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 155Page - Silicon Laboratories C8051F310 Datasheet HTML 156Page - Silicon Laboratories C8051F310 Datasheet HTML 157Page - Silicon Laboratories C8051F310 Datasheet HTML 158Page - Silicon Laboratories C8051F310 Datasheet HTML 159Page - Silicon Laboratories C8051F310 Datasheet HTML 160Page - Silicon Laboratories C8051F310 Datasheet HTML 161Page - Silicon Laboratories C8051F310 Datasheet HTML 162Page - Silicon Laboratories C8051F310 Datasheet HTML 163Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 228 page
background image
Rev. 1.7
159
C8051F310/1/2/3/4/5/6/7
14.5.3. Slave Receiver Mode
Serial data is received on SDA and the clock is received on SCL. When slave events are enabled (INH =
0), the interface enters Slave Receiver Mode when a START followed by a slave address and direction bit
(WRITE in this case) is received. Upon entering Slave Receiver Mode, an interrupt is generated and the
ACKRQ bit is set. Software responds to the received slave address with an ACK, or ignores the received
slave address with a NACK. If the received slave address is ignored, slave interrupts will be inhibited until
the next START is detected. If the received slave address is acknowledged, zero or more data bytes are
received. Software must write the ACK bit after each received byte to ACK or NACK the received byte. The
interface exits Slave Receiver Mode after receiving a STOP. Note that the interface will switch to Slave
Transmitter Mode if SMB0DAT is written while an active Slave Receiver. Figure 14.7 shows a typical Slave
Receiver sequence. Two received data bytes are shown, though any number of bytes may be received.
Notice that the ‘data byte transferred’ interrupts occur before the ACK cycle in this mode.
Figure 14.7. Typical Slave Receiver Sequence
P
W
SLA
S
Data Byte
Data Byte
A
A
A
S = START
P = STOP
A = ACK
W = WRITE
SLA = Slave Address
Received by SMBus
Interface
Transmitted by
SMBus Interface
Interrupt
Interrupt
Interrupt
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com