Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 17 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 17 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 13Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 14Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 15Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 16Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 17Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 18Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 19Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 20Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 21Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2025
www.teamWavelength.com
17
LDD P SERIES LASER DIODE DRIVER
comPonenT 5: PoWeR on indicaToR Led
When power is applied to the LDD P evaluation board, this
LED will light.
LED Cathode
LED Anode
Figure 22. Component locator with LED.
comPonenT 6: moniToR LaseR diode cuRRenT
Pin 2 (Current Monitor) is used to monitor laser diode
current during setup and operation. This pin is brought out
to a solder pad on the edge of the evaluation board.
Attach the positive input of a voltmeter to the current monitor
solder pad and the negative input of the voltmeter to ground
as seen in
Figure 23.
NOTE: For noise reduction, use the Monitor Ground solder
pad, not the Power Supply ground solder pad.
CURRENT
MONITOR
(PIN 2)
N/C
–
+
VOLTMETER
MOD
INPUT
(PIN 3)
Power Supply
Connections
MONITOR
GROUND
(PIN 4)
Figure 23. Connect the voltmeter as shown to monitor laser
diode parameters.
comPonenT 7: connecT signaL geneRaToR (oPTionaL)
Pin 3 is the modulation input. This pin is brought out to a
solder pad on the edge of the board.
Attach the positive input of a signal generator to the MOD
INPUT solder pad and the negative input of the signal
generator to the Monitor Ground as shown in
Figure 24.
CURRENT
MONITOR
(PIN 2)
N/C
MONITOR
GROUND
(PIN 4)
–
+
SIGNAL GENERATOR
MOD
INPUT
(PIN 3)
V+
POWER
GROUND
(PIN 4)
Figure 24. Connect a signal generator to MOD INPUT.
comPonenT 8: connecT LaseR diode To eVaLuaTion BoaRd
The three solder pads (shown in
Figure 25) that make
up Component 8 are labeled 5, 6, and 7. Pads 5 and 6
correspond to pins 5 and 6 of the LDD P module. Pad 7
is used for optional monitoring of the photodiode current.
Refer to
page 10 for Wiring Instructions for Constant
Current mode.
5
6
7
PHOTODIODE CONNECTION
LASER DIODE
CONNECTIONS
{
Figure 25. Use pins 5 and 6 to connect the Laser Diode.
comPonenT 9: moniToR PhoTodiode cuRRenT (oPTionaL)
For LDD 1P laser diode drivers, connect the anode of
the photodiode to pad 7 on the LDDEVALP. Connect the
photodiode cathode to the laser diode (in most laser diodes,
this connection is made inside the laser diode case). See
the upper half of
Figure 26 for an illustration.
For LDD 2P laser diode drivers, connect the cathode of the
photodiode to pad 7 on the LDDEVALP. The photodiode
anode should already be connected to the laser diode
inside the laser diode case. See the lower half of
Figure 26
for an illustration.
Next, install the sense resistor (included but not installed)
across the two wire pads indicated in the diagram. Use a
1 kΩ resistor for both the LDD 1P and LDD 2P models.
During operation, monitor the voltage across the PD SENSE
solder pads with a voltmeter.
-
+
PD Sense +
PD Sense -
Sense
Resistor
LDD 1P
7
-
+
PD Sense +
PD Sense -
Sense
Resistor
6
5
7
6
5
OR
Photodiode
LDD 2P
OR
Photodiode
Figure 26. Wire the photodiode as shown, depending on
LDD P model, to monitor photodiode current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com