Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 12 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 12 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 10Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 11Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 12Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 13Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 14Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 15Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 16Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
© 2025
www.teamWavelength.com
12
LDD P SERIES LASER DIODE DRIVER
adjusT LaseR diode cuRRenT
Before beginning, rotate the Output Current Adjust trimpot
fully counter-clockwise, at least 12 turns to zero the setpoint.
Using the desired operating current, I
OP, calculate the
corresponding monitor voltage (V
OP) using Equation 2.
Equation 2. V
PIN 2 = VOP = IOP / (TFCM )
Where, again, the current must be given in mA, and TF
CM
can be found in
Table 3 on page 4.
Then, SLOWLY adjust the Output Current Adjust trimpot
clockwise until the voltmeter attached to the current monitor
(pin 2) reads V
OP.
CURRENT
FEEDBACK
CURRENT
MONITOR
MOD
GND
1
2
3
4
- +
OUTPUT
CURRENT ADJUST
SLOWLY
VOLTMETER
Figure 12. Set the Output Current Adjust trimpot to the
operating voltage.
disaBLe LaseR diode cuRRenT
To disable current, let pin 3 float or connect it to V+.
Figure 13 shows an example of how to wire a switch to the
LDD P to enable/disable current.
!
A residual current is present in the laser
diode when disabled. DO NOT DISCONNECT
THE LASER DIODE UNLESS POWER IS
REMOVED FROM V+ AND GROUND.
CURRENT
FEEDBACK
CURRENT
MONITOR
MOD IN
GND
1
2
3
4
V+
FEED
BACK
LD ANODE
LD
CATHODE
0.1 µF
This capacitor
debounces mechanical
switches connected
to the MOD input.
Switch
OPEN
CLOSED
Output
Off
On
Figure 13. Disable current by opening the switch (as shown)
or floating pin 3.
VeRify PhoTodiode cuRRenT LeVeL (oPTionaL)
If you wired an external photodiode (see
Figure 6 &
Figure 7), attach the leads of a voltmeter across the external
resistor as shown in
Figure 14.
- +
LDD 1P models
- +
LDD 2P models
LASER
DIODE
EXT
+
-
V
IPD
OR
EXT
+
-
V
IPD
LASER
DIODE
EXT
+
-
V
IPD
OR
EXT
+
-
V
IPD
V+
V+
RPD
RPD
RPD
RPD
VOLT
METER
VOLT
METER
Figure 14. Connect the voltmeter across the external
resistor.
To find the actual photodiode current, use
Equation 3
below. This value may vary depending on the temperature
of the laser diode. A laser diode with a temperature above
25°C will produce less photodiode current than one at or
below 25°C.
Equation 3. I
PD = VEXT / 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com