Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 20 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 20 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 16Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 17Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 18Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 19Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 20Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 21Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 22Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 23Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 24Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
© 2025
www.teamWavelength.com
20
LDD P SERIES LASER DIODE DRIVER
USING A TTL SIGNAL AT MOD INPUT
TTL signals require pre-conditioning. The following circuit
filters the TTL signal appropriately (low pass with a corner
frequency of 15kHz).
NOTE: With +5V applied at the MOD INPUT, a residual
output current will still flow through the laser diode.
0.1µF
MOD INPUT (3)
V
GND (4)
IN
100Ω
Figure 34. This circuit allows a TTL signal at MOD INPUT.
FILTER THE LDD P OUTPUT
If you are not modulating the laser diode, add capacitors to
reduce the noise by filtering the output current as shown in
Figure 32.
Laser
Diode
LD Anode
LD Cathode
Schottky
Diode
(1N5818)
0.1 µF
10 µF
Tantalum
Figure 32. Filter the output when not modulating the laser.
CONVERT CURRENT MONITOR TO 1mV/mA
In order to convert the current monitor to 1mV/mA, see the
wiring diagram in
Figure 33, along with the resistor values
(model dependent) in
Table 6.
10 kΩ
TO PIN 1
(CURRENT
MONITOR)
TO PIN 4
(GND)
+
-
Rtotal
CCW
CW
W
Rtrim
Rfixed
1 mV / mA
Op-amp can be 1/2 of:
National Semiconductor LM358 or
Analog Devices AD8032
Figure 33. Wire the LDD P as shown to convert the current
monitor.
RESISTOR
LDD200
LDD400
R
total
869 Ω
1905 Ω
R
fixed
750 Ω
1820 Ω
R
trim
200 Ω
200 Ω
Table 6. Values of resistors for LDD P model.
All resistors are metal film.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com