Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 19 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 19 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 15Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 16Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 17Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 18Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 19Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 20Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 21Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 22Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 23Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2025
www.teamWavelength.com
19
LDD P SERIES LASER DIODE DRIVER
ADDITIONAL TECHNICAL
INFORMATION
This section includes useful technical information on these
topics:
•
Custom Dominant Impedance Values
•
External Trimpot Circuit
•
Change the Modulation Transfer Function
•
Laser Diode Protection for Long Cables
•
Filter the LDD P Output
•
Convert Current Monitor to 1mV/mA
•
Using a TTL Signal at MOD INPUT
•
Performance Graphs
•
Safe Operating Area Calculation
CUSTOM DOMINANT IMPEDANCE VALUES
If using the LDDEVALP, the factory installed dominant
impedance resistor must first be removed. Determine the
appropriate value of R
D, then install the desired resistor.
Select either a metal film power resistor or a non-inductive
wire wound resistor. Carbon based resistors add a significant
amount of noise and inductive wire wound resistors can
damage the laser diode. Use
Equation 5 below to determine
custom R
D values,
Equation 5. R
D = [(VSUPPLY - VLD - 0.2) / ILIMIT] - (R4a + 6.2n) ,
where V
SUPPLY is the power supply voltage, VLD is the forward
voltage of the laser diode, I
LIMIT is the user-set current limit,
R
4a is the power supply decoupling resistor described above
(default value on the LDDEVALP of 1 Ω), and n is a constant
that depends on LDD P model.
Table 5 below defines n for
the different models of the LDD P.
MODEL
n
LDD200
1
LDD400
0.5
Table 5. Determine the appropriate constant to use for
custom R
D values.
EXTERNAL TRIMPOT CIRCUIT
To set up an external trimpot circuit, see the wiring diagram
in
Figure 29 below.
1 kΩ (metal film)
Rpot
MOD INPUT (3)
V+ (8)
GND (4)
Rpot = 10 to 200 kΩ
1 µF
*
CCW
CW
* Add capacitor to reduce noise
Bandgap
Voltage
Reference
Figure 29. Wire an external trimpot circuit as shown.
CHANGE THE MODULATION TRANSFER
FUNCTION
Figure 30 below shows how to change the modulation
transfer function.
(
)
(
)
R
MOD INPUT (3)
V
GND (4)
Keep R and R below 100 kΩ
for maximum accuracy.
2
IN
R1
1
2
2
R
New
Transfer
Function
Original Transfer Function
=
R + R
2
1
Example:
(for LDD200-1P,
Constant Current Mode)
R = 1 kΩ
1
R = 9 kΩ
2
1 + 9
9
New
Transfer
Function
- 40 mA / V = - 36 mA / V
=
(
)
Figure 30. Changing the modulation transfer function.
LASER DIODE PROTECTION FOR LONG
CABLES
With a cable longer than two feet (61 cm), add a Schottky
diode across the laser diode as shown in
Figure 31.
Laser
Diode
LD Anode
LD Cathode
Schottky
Diode
(1N5818)
Cable >2 feet
Figure 31. Schottky Diodes will protect the laser diode when
using long cables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com