Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 22 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 22 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 18Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 19Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 20Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 21Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 22Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 23Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 24Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 25Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 26Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
© 2025
www.teamWavelength.com
22
LDD P SERIES LASER DIODE DRIVER
TyPicaL PeRfoRmance gRaPhs
Ldd 1P: noT in cuRRenT LimiT
Power Supply Voltage
Output Current
Soft start
Horiz Div = 100 ms
Figure 36. Typical Soft Start Timing
(current setpoint at 100% full scale)
Modulation Input
Output Current
Horiz DIv = 10 µsec
Figure 37. 10 kHz square wave response
Modulation Input
Output Current
+5 V
0
Full
Scale
0
Horiz DIv = 100 nsec
t rise
Figure 38. 10 kHz square wave rise time
Power Supply Voltage
Output Current
Soft start
Horiz Div = 100 ms
Figure 39. Typical Soft Start Timing
(current setpoint at 10% full scale)
Figure 40. Large signal frequency response
(Gain normalized to output at 10 Hz)
Modulation Input
Output Current
+5 V
0
Full
Scale
0
Horiz DIv = 100 nsec
t fall
Figure 41. 10 kHz square wave fall time
NOTE: Keep Operating Setpoint Below Current Limit Setting. These graphs do not represent the LDD P performance while
the Current Limit Circuit is triggered.
WARNING: The Current Limit Circuit is not an absolute/failsafe clamp. If the operating setpoint exceeds the limit setting,
and a fast modulation signal is input, very short overshoots of the current limit are possible (150 nsec). If the photodiode
feedback signal is lost or very slow, the LDD P can drive to its maximum output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com