Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 2Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 3Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 10Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
© 2025
www.teamWavelength.com
6
LDD P SERIES LASER DIODE DRIVER
ELECTRICAL SPECIFICATIONS
– CONTINUED
SYMBOL
PARAMETER
TEST POINTS
TEST CONDITIONS*
TYPICAL
TIMING CHARACTERISTICS
t
DELAY
Time delay between Power ON
and Laser Diode current start
Load
LDD400 1P - 1.0Ω
LDD400 2P - 1.0Ω
27.5 ms
27.5 ms
t
RISE
Square Wave Response, 10%
to 90%
Load
LDD400 1P - 1.0Ω
LDD400 2P - 1.0Ω
120 ns
220 ns
t
FALL
Square Wave Response, 90%
to 10%
Load
LDD400 1P - 1.0Ω
LDD400 2P - 1.0Ω
120 ns
220 ns
t
SOFT START
Soft start minimum (current
setpoint 10% full scale)
Load
LDD400 1P - 1.0Ω
LDD400 2P - 1.0Ω
140 ms
180 ms
Soft start maximum (current
setpoint 100% full scale)
Load
LDD400 1P - 1.0Ω
LDD400 2P - 1.0Ω
300 ms
300 ms
*LDD200 P model results are comparable. See
Test Setup on page 21 for wiring diagram used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com