Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 9 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 9 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 10Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 11Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 12Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 13Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2025
www.teamWavelength.com
9
LDD P SERIES LASER DIODE DRIVER
GROUNDING
Some laser diode packages short either the laser diode
anode or cathode to the case, which may connect the laser
electrically to earth ground. Review the internal connections
of the LDD P to make sure ground loops are not inadvertently
created by this situation. Special attention to the details of
grounding will ensure safe operation.
Unless Earth and Instrument Ground are
connected via the power supply, Instrument Ground
is floating with respect to Earth Ground
Earth Ground on
USA 115 VAC wall socket
Common or
Instrument Ground
EARTH
DC POWER SUPPLY
-
+
WIRING THE LDD P SERIES FOR CONSTANT
CURRENT OPERATION
Figure 5 through Figure 7 give the wiring diagrams to
operate the different LDD P models in Constant Current
mode.
To simplify wiring, use evaluation board LDDEVALP. Setup
diagrams are found on page 14.
Recommended TesT Loads
Figure 5 illustrates how to create a constant current
simulated load for the LDD P Series laser diode drivers.
The simulated load allows the configuration of the LDD P
without intially connecting the laser diode. Once the laser
diode driver is adjusted to the correct output current and
laser diode limit current, power it down before connecting
a laser diode.
LD ANODE
FEEDBACK
LD CATHODE
7
6
5
LDD 1P MODELS
1N4001
1N4001
LDD 2P MODELS
TO PIN 1
LD CATHODE
FEEDBACK
LD ANODE
7
6
5
1N4001
1N4001
Rail-to-rail
Op-amp
1 Ω, 0.25 W
1 Ω, 0.25 W
TO
Figure 5. The test loads shown above simulate a constant
current load for the LDD P Series Laser Diode Drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com