Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 8 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 8 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 10Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 11Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 12Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
© 2025
www.teamWavelength.com
8
LDD P SERIES LASER DIODE DRIVER
OPERATING INSTRUCTIONS
The LDD P Series Laser Diode Drivers are designed for
stable, low noise operation. The power supply you select
will directly affect the noise performance of the driver. We
recommend using a regulated, linear power supply for
optimum performance. Depending on your requirements,
you may be able to use a switching power supply. Each
case must be evaluated independently because a switching
power supply will affect noise, transient, and stability
performance.
The LDD P Series can be purchased with the LDDEVALP
series evaluation kit for easy initial operation.
LASER SAFETY ISSUES
ATTENTION: If you plan to operate the LDD P with any
Wavelength temperature controller, you may need to use
separate power supplies. If the thermoelectric cooler or
thermistor is connected to the laser diode, please contact
the factory for technical assistance.
ATTENTION: Exceeding the maximum specified operating
current (I
OP MAX) will damage your laser diode. Become
familiar with the LDD P Series module operation and the
exact specifications of your laser diode before attaching
it to the LDD P module. Seek assistance from someone
with experience working with laser diodes if you have not
operated one before.
ATTENTION: The following instruments may cause
momentary opens, shorts, or impedance changes that will
damage a laser diode if attached to the output of a laser
diode driver.
1. A
voltmeter across the laser diode.
2. An
oscilloscope across the laser diode.
3. A
current meter in series with the laser diode.
All measurements made with these instruments on the
output should be made with a simulated load attached and
not a laser diode.
OPTIONAL: If laser diode and photodiode are isolated
(Type B Laser Diode), short the laser diode anode to the
photodiode cathode. The LDD P Series laser diode drivers
require the photodiode be connected to the laser diode.
NECESSARY EQUIPMENT
The following equipment is the minimum necessary to
configure the LDD P for basic operation:
• LDD P controller
• Digital voltmeter, 4-½ digit resolution recommended
• Test load for configuring the driver
• Laser diode, mount, and optional temperature control
system
• Connecting wires
• Power supply
• LDDEVALP and soldering iron (optional)
SAFE OPERATING AREA AND
THERMAL DESIGN CONSIDERATIONS
SOAcharts are included in this datasheet for quick reference,
but we recommend you use the online tools instead.
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
!
It is imperative that you verify the unit will
operate within the internal heat dissipation
Safe Operating Area (SOA).
Operating the driver outside the SOA may
damage or destroy the driver and/or laser.
PREVENT DAMAGE FROM ELECTROSTATIC
DISCHARGE
Before proceeding, it is critical that you take precautions to
prevent electrostatic discharge (ESD) damage to the driver
and your laser. ESD damage can result from improper
handling of sensitive electronics, and is easily preventable
with simple precautions.
For more information regarding ESD, see Application Note
AN-LDTC06: Basics: Electrostatic Discharge (ESD).
We recommend that you always observe ESD precautions
when handling the LDD P driver and your laser diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com