Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  LDDEVALP Datasheet HTML 1Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 2Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 3Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2025
www.teamWavelength.com
5
LDD P SERIES LASER DIODE DRIVER
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
LDD200
LDD400
UNIT
NOTE
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
V
DD
+5 to +12.5
VDC
Voltage on Pin 8
Compliance Voltage
V
DD - 1.4
VDC
Output Current
I
LD
200
400
mA
See SOA Chart
Power Dissipation [1]
P
MAX
1
2
W
T
AMBIENT = 25°C
Operating Temperature - Case [1]
T
OPR
0 to +50
°C
T
AMBIENT = 25°C
Storage Temperature
T
STG
-40 to +125
°C
Weight
< 1
oz
Soldering Temperature [2]
260°C (10 secs)
[1]
Maximum Operating Power derates above 25°C. The online Safe Operating Area (SOA) Chart includes this derating.
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
[2]
Not compatible with aqueous cleaning processes.
PARAMETER
LDD200 xP
LDD400 xP
UNIT
1P
For Laser Type A or B
2P
For Laser Type C
CONSTANT CURRENT CONTROL
Current Limit Range
0 - 200
0 - 400
mA
Temperature Coefficient
< 100
ppm / °C
Long Term Stability, 24 hours [3]
< 50
ppm
Noise and Ripple (RMS) [4]
< 5
μA
MODULATION
Input Impedance
1
MΩ
Depth of Modulation (at 10kHz) [5]
90
%
Bandwidth, small signal sine wave 3dB
2
MHz
Modulation Input Damage Threshold
< -0.5 or > V
DD + 0.5
V
POWER SUPPLY
Supply Quiescent Current
50
mA
Power Up Trip Point [6]
4.9
V
Power Down Trip Point [6]
4.2
V
MONITOR ACCURACY
Setpoint vs. Monitor Accuracy
< 5
%
Warm-up to Rated Accuracy
1
hour
[3]
Stability tests were performed in an ambient air environment.
[4]
Laser diode forward current noise. Test was performed by measuring the AC voltage across a 50Ω metal film resistor in series with a laser diode.
[5]
As square wave modulation frequency increases, the peak-to-peak output amplitude diminishes. For example, these graphs show the waveform shape
at 10Hz and 10kHz. Depth of modulation continues to decrease after 10kHz.
0 mA
Full Current
100% Depth of Modulation
at 10 Hz
100 %
0 %
90% Depth of Modulation
at 10 kHz
90 %
95 %
5 %
[6]
The LDD P Series has internal control circuitry which turns the output on and off depending on the voltage at pin 8. When the voltage reaches the power
up trip point, the module soft starts the laser diode. When the voltage reaches the power down trip point, the module shunts current around the laser
diode, powering it down in a controlled fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com