Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 10 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 10 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 10Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 11Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 12Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 13Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 14Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
© 2025
www.teamWavelength.com
10
LDD P SERIES LASER DIODE DRIVER
WiRing Ldd 1P modeLs
Figure 6 below shows the wiring diagram for LDD200 1P and LDD400 1P models. Additional discussion of resistor R
D can
be found on page 16 for factory recommendation, and on page 19 for custom value recommendation.
CURRENT
FEEDBACK
LASER DIODE
DRIVER
CURRENT
MONITOR
MOD
GND
1
2
3
4
V+
5
6
7
8
FEED
BACK
LD ANODE
LD
CATHODE
LASER
DIODE
OPTIONAL
PHOTODIODE
CONNECTION
R
- +
D
SENSE
+
R
-
V
IPD
PD
OR
SENSE
+
R
-
V
IPD
PD
0.1µF
V+
LDD 1P Models
Adding Resistor "R " protects
against conditions that could
cause damage to the laser diode.
This resistor is recommended for
operation, but not required.
This capacitor
debounces mechanical
switches connected
to the MOD input.
D
VOLTMETER
Switch
OPEN
CLOSED
Output
Off
On
For LDD 1P, select R = 1 kΩ
PD
PD
PD
Figure 6. Wiring diagram for LDD 1P models. For use with Type A and Type B diode lasers.
WiRing Ldd 2P modeLs
Figure 7 below shows the wiring diagram for LDD200 2P and LDD400 2P models. Additional discussion of resistor R
D can
be found on page 16 for factory recommendation, and on page 19 for custom value recommendation.
CURRENT
FEEDBACK
LASER DIODE
DRIVER
CURRENT
MONITOR
MOD
GND
1
2
3
4
V+
5
6
7
8
FEED
BACK
LD
CATHODE
LD
ANODE
LASER
DIODE
V+
OPTIONAL
PHOTODIODE CONNECTION
R
- +
D
SENSE
+
R
-
V
IPD
PD
OR
SENSE
+
R
-
V
IPD
PD
V+
V+
V+
+
-
10kΩ
10kΩ
10kΩ
10kΩ
RAIL TO
RAIL OUTPUT
OPAMP
1/2 AD8032
0.1µF
LDD 2P Models
Adding Resistor "R " protects
against conditions that could
cause damage to the laser diode.
This resistor is recommended for
operation, but not required.
This capacitor
debounces mechanical
switches connected
to the MOD input.
VOLT
METER
D
Switch
OPEN
CLOSED
Output
Off
On
For LDD 2P, select R = 1 kΩ
PD
PD
PD
Figure 7. Wiring diagram for LDD 2P models. For use with Type C diode lasers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com