Electronic Components Datasheet Search
  English  ▼

X  

LDDEVALP Datasheet(PDF) 7 Page - Wavelength Electronics, Inc.

Part # LDDEVALP
Description  Low Noise Laser Diode Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LDDEVALP Datasheet(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button LDDEVALP Datasheet HTML 3Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 4Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 5Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 6Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 7Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 8Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 9Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 10Page - Wavelength Electronics, Inc. LDDEVALP Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2025
www.teamWavelength.com
7
LDD P SERIES LASER DIODE DRIVER
SAFETY INFORMATION
SAFE OPERATING AREA — DO NOT EXCEED
INTERNAL POWER DISSIPATION LIMITS
Before attempting to operate the LDD P Series driver, it is
imperative that you first determine that the unit will operate
within the Safe Operating Area (SOA). Operating outside of
the SOA may damage the laser and the LDD P. Operating
outside of the SOA will void the warranty.
To determine if the LDD P Series driver is suitable for your
application and if it will be operating in the safe range,
consult the instructions for calculating the Safe Operating
Area online:
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
SOA charts are included in this datasheet for quick reference
(
page 24), but we recommend you use the online tools
instead.
!
To ensure safe operation of the LDD P
driver, it is imperative that you determine if
the unit is going to be operating within the
internal heat dissipation Safe Operating
Area (SOA).
If you have any questions about the Safe Operating Area
calculator, call the factory for free and prompt technical
assistance.
THEORY OF OPERATION
The LDD P Series drivers are controlled current sources:
they deliver the current commanded by the setpoint. The
current source continually monitors the actual output
current, compares it to the setpoint, and adjusts the current
if there is a difference between the two signals.
It may be useful to remember that you do not directly set
the drive current setpoint; instead, you adjust a voltage
signal that represents the output current. The voltage and
output current are related by a transfer function that varies
by driver model number.
The setpoint voltage is adjusted with the onboard trimpot
or by an external input that subtracts from the onboard
setpoint. The adjustable current limit is set using an onboard
trimpot.
As current is driven through the load, there is a voltage drop
across the load because of the impedance. As the current
increases, the voltage drop may increase to the point that it
reaches the Compliance Voltage limit of the current source.
Once that occurs, the current source is no longer able to
increase the current driven to the load even if you increase
the setpoint.
The LDD P driver includes features that help protect your
laser and make the driver more versatile in a wide array of
applications:
• Output slow-start ramps the current to setpoint.
• Current limits prevent too much current from reaching
the laser diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com