Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 67 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 21152 Datasheet HTML 63Page - Intel Corporation 21152 Datasheet HTML 64Page - Intel Corporation 21152 Datasheet HTML 65Page - Intel Corporation 21152 Datasheet HTML 66Page - Intel Corporation 21152 Datasheet HTML 67Page - Intel Corporation 21152 Datasheet HTML 68Page - Intel Corporation 21152 Datasheet HTML 69Page - Intel Corporation 21152 Datasheet HTML 70Page - Intel Corporation 21152 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
21152 PCI-to-PCI Bridge Preliminary Datasheet
5-5
Address Decoding
base and limit address registers, and VGA mode bit before setting the memory enable and master
enable bits, and change them subsequently only when the primary and secondary PCI buses are idle.
5.3.1
Memory-Mapped I/O Base and Limit Address Registers
Memory-mapped I/O is also referred to as nonprefetchable memory. Memory addresses that cannot
automatically be prefetched but that can conditionally prefetch based on command type should be
mapped into this space. Read transactions to nonprefetchable space may exhibit side effects; this
space may have non-memory-like behavior. The 21152 prefetches in this space only if the memory
read line or memory read multiple commands are used; transactions using the memory read
command are limited to a single data transfer.
The memory-mapped I/O base address and memory-mapped I/O limit address registers define an
address range that the 21152 uses to determine when to forward memory commands. The 21152
forwards a memory transaction from the primary to the secondary interface if the transaction
address falls within the memory-mapped I/O address range. The 21152 ignores memory
transactions initiated on the secondary interface that fall into this address range. Any transactions
that fall outside this address range are ignored on the primary interface and are forwarded upstream
from the secondary interface (provided that they do not fall into the prefetchable memory range or
are not forwarded downstream by the VGA mechanism).
The memory-mapped I/O range supports 32-bit addressing only. The PCI-to-PCI Bridge
Architecture Specification does not provide for 64-bit addressing in the memory-mapped I/O space.
The memory-mapped I/O address range has a granularity and alignment of 1 MB. The maximum
memory-mapped I/O address range is 4 GB.
The memory-mapped I/O address range is defined by a 16-bit memory-mapped I/O base address
register at configuration offset 20h and by a 16-bit memory-mapped I/O limit address register at
offset 22h. The top 12 bits of each of these registers correspond to bits <31:20> of the memory
address. The low 4 bits are hardwired to 0. The low 20 bits of the memory-mapped I/O base
address are assumed to be 0 0000h, which results in a natural alignment to a 1MB boundary. The
low 20 bits of the memory-mapped I/O limit address are assumed to be F FFFFh, which results in
an alignment to the top of a 1MB block.
Note:
The initial state of the memory-mapped I/O base address register is 0000 0000h. The initial state of
the memory-mapped I/O limit address register is 000F FFFFh. Note that the initial states of these
registers define a memory-mapped I/O range at the bottom 1MB block of memory. Write these
registers with their appropriate values before setting either the memory enable bit or the master
enable bit in the command register in configuration space.
To turn off the memory-mapped I/O address range, write the memory-mapped I/O base address
register with a value greater than that of the memory-mapped I/O limit address register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com