| Electronic Components Datasheet Search |
|
21152 Datasheet(PDF) 22 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
21152 Datasheet(HTML) 22 Page - Intel Corporation |
|
22 / 148 page ![]() 2-6 21152 PCI-to-PCI Bridge Preliminary Datasheet Signal Pins s_devsel_l STS Secondary PCI interface DEVSEL#. Signal s_devsel_l is asserted by the target, indicating that the device is accepting the transaction. As a target, the 21152 performs positive decoding on the address of a transaction initiated on the secondary bus in order to determine whether to assert s_devsel_l. As an initiator of a transaction on the secondary bus, the 21152 looks for the assertion of s_devsel_l within five cycles of s_frame_l assertion; otherwise, the 21152 terminates the transaction with a master abort. When the secondary bus is idle, s_devsel_l is driven to a deasserted state for one cycle and then is sustained by an external pull-up resistor. s_stop_l STS Secondary PCI interface STOP#. Signal s_stop_l is driven by the target of the current transaction, indicating that the target is requesting the initiator to stop the current transaction on the secondary bus. • When s_stop_l is asserted in conjunction with s_trdy_l and s_devsel_l assertion, a disconnect with data transfer is being signaled. • When s_stop_l and s_devsel_l are asserted, but s_trdy_l is deasserted, a target disconnect without data transfer is being signaled. When this occurs on the first data phase, that is, no data is transferred during the transaction, this is referred to as a target retry. • When s_stop_l is asserted and s_devsel_l is deasserted, the target is signaling a target abort. When the secondary bus is idle, s_stop_l is driven to a deasserted state for one cycle and then is sustained by an external pull-up resistor. s_lock_l STS Secondary PCI interface LOCK#. Signal s_lock_l is deasserted during the first address phase of a transaction and is asserted one clock cycle later by the 21152 when it is propagating a locked transaction downstream. The 21152 does not propagate locked transactions upstream. The 21152 continues to assert s_lock_l until the address phase of the next locked transaction, or until the lock is released. When the lock is released, s_lock_l is driven to a deasserted state for one cycle and then is sustained by an external pull-up resistor. s_perr_l STS Secondary PCI interface PERR#. Signal s_perr_l is asserted when a data parity error is detected for data received on the secondary interface. The timing of s_perr_l corresponds to s_par driven one cycle earlier and s_ad driven two cycles earlier. Signal s_perr_l is asserted by the target during write transactions, and by the initiator during read transactions. When the secondary bus is idle, s_perr_l is driven to a deasserted state for one cycle and then is sustained by an external pull-up resistor. s_serr_l I Secondary PCI interface SERR#. Signal s_serr_l can be driven low by any device except the 21152 on the secondary bus to indicate a system error condition. The 21152 samples s_serr_l as an input and conditionally forwards it to the primary bus on p_serr_l. The 21152 does not drive s_serr_l. Signal s_serr_l is pulled up through an external resistor. Table 2-4. Secondary PCI Bus Interface Signals (Sheet 2 of 2) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |