Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 28 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 21152 Datasheet HTML 24Page - Intel Corporation 21152 Datasheet HTML 25Page - Intel Corporation 21152 Datasheet HTML 26Page - Intel Corporation 21152 Datasheet HTML 27Page - Intel Corporation 21152 Datasheet HTML 28Page - Intel Corporation 21152 Datasheet HTML 29Page - Intel Corporation 21152 Datasheet HTML 30Page - Intel Corporation 21152 Datasheet HTML 31Page - Intel Corporation 21152 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
3-2
21152 PCI-to-PCI Bridge Preliminary Datasheet
Pin Assignment
3.1
Pin Location List (Numeric)
Table 3-1 provides the signal type abbreviations used in Table 3-2. Table 3-2 lists the 21152 pins in
numeric order, showing the location, signal name, and signal type of each pin.
Table 3-1.
Signal Type Abbreviations
Signal Type
Description
I
Standard input only.
O
Standard output only.
PPower.
TS
Tristate bidirectional.
STS
Sustained tristate. Active low signal must be pulled high for one cycle when
deasserting.
OD
Standard open drain.
Table 3-2.
Pin Location List (Numeric) (Sheet 1 of 3)
PQFP
Location
Signal Name
Type
PQFP
Location
Signal Name
Type
1
vss
P24
s_ad<23>
TS
2
s_par
TS
25
s_cbe_l<3>
TS
3
s_serr_l
I26
s_ad<24>
TS
4
s_perr_l
STS
27
vss
P
5
s_lock_l
STS
28
s_ad<25>
TS
6
s_stop_l
STS
29
s_ad<26>
TS
7
s_devsel_l
STS
30
vdd
P
8
vdd
P31
s_ad<27>
TS
9
s_trdy_l
STS
32
s_ad<28>
TS
10
s_irdy_l
STS
33
s_ad<29>
TS
11
s_frame_l
STS
34
vss
P
12
vss
P35
s_ad<30>
TS
13
s_cbe_l<2>
TS
36
s_ad<31>
TS
14
s_ad<16>
TS
37
s_req_l<0>
I
15
vdd
P38
s_req_l<1>
I
16
s_ad<17>
TS
39
s_req_l<2>
I
17
s_ad<18>
TS
40
vdd
P
18
s_ad<19>
TS
41
vss
P
19
vss
P42
s_req_l<3>
I
20
s_ad<20>
TS
43
s_gnt_l<0>
TS
21
s_ad<21>
TS
44
s_gnt_l<1>
TS
22
s_ad<22>
TS
45
s_gnt_l<2>
TS
23
vdd
P46
vdd
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com