Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 27 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 21152 Datasheet HTML 23Page - Intel Corporation 21152 Datasheet HTML 24Page - Intel Corporation 21152 Datasheet HTML 25Page - Intel Corporation 21152 Datasheet HTML 26Page - Intel Corporation 21152 Datasheet HTML 27Page - Intel Corporation 21152 Datasheet HTML 28Page - Intel Corporation 21152 Datasheet HTML 29Page - Intel Corporation 21152 Datasheet HTML 30Page - Intel Corporation 21152 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
21152 PCI-to-PCI Bridge Preliminary Datasheet
3-1
Pin Assignment
3
This chapter describes the 21152 pins. It provides numeric and alphanumeric lists of the pins and
includes a diagram showing 21152 pin assignment.
Figure 3-1 shows the 21152 pins. Table 3-2 lists pins by location in numeric order and Table 3-4
lists pins by signal names in alphanumeric order.
Figure 3-1.
21152 Pinout Diagram
LJ-04892.AI4
vdd
vss
p_ad<8>
p_ad<9>
vdd
p_ad<10>
p_ad<11>
p_ad<12>
vss
p_ad<14>
p_ad<13>
p_ad<15>
vdd
p_cbe_l<1>
p_par
p_serr_l
p_perr_l
vss
p_lock_l
p_stop_l
p_devsel_l
p_trdy_l
vdd
p_irdy_l
vdd
p_ad<19>
p_ad<23>
p_idsel
p_cbe_l<3>
vss
5
10
15
20
40
120
115
110
105
100
90
Scaled@92%
p_frame_l
p_cbe_l<2>
vss
p_ad<16>
p_ad<17>
p_ad<18>
s_stop_l
s_ad<21>
vss
s_par
s_serr_l
s_perr_l
s_lock_l
s_devsel_l
vdd
s_trdy_l
s_frame_l
s_irdy_l
vss
s_cbe_l<2>
s_ad<16>
vdd
s_ad<17>
s_ad<18>
s_ad<19>
vss
s_ad<20>
s_ad<22>
vdd
s_ad<23>
s_ad<27>
s_ad<28>
s_req_l<0>
s_req_l<1>
s_req_l<2>
vdd
p_ad<20>
p_ad<21>
vss
p_ad<22>
35
85
s_ad<29>
vss
s_ad<30>
s_ad<31>
s_cbe_l<3>
s_ad<24>
vss
s_ad<25>
s_ad<26>
vdd
25
30
95
21152
* 21152-AB and later revisions only.
This is a vss pin for the 21152-AA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com