Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 57 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 21152 Datasheet HTML 53Page - Intel Corporation 21152 Datasheet HTML 54Page - Intel Corporation 21152 Datasheet HTML 55Page - Intel Corporation 21152 Datasheet HTML 56Page - Intel Corporation 21152 Datasheet HTML 57Page - Intel Corporation 21152 Datasheet HTML 58Page - Intel Corporation 21152 Datasheet HTML 59Page - Intel Corporation 21152 Datasheet HTML 60Page - Intel Corporation 21152 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
21152 PCI-to-PCI Bridge Preliminary Datasheet
4-23
PCI Bus Operation
Figure 4.8 shows a delayed write transaction that is terminated with a master abort.
When a master abort is received in response to a posted write transaction, the 21152 discards the
posted write data and makes no more attempts to deliver the data. The 21152 sets the received
master abort bit in the status register when the master abort is received on the primary bus, or it sets
the received master abort bit in the secondary status register when the master abort is received on
the secondary interface. When a master abort is detected in response to a posted write transaction
and the master abort mode bit is set, the 21152 also asserts p_serr_l if enabled by the SERR#
enable bit in the command register and if not disabled by the device-specific p_serr_l disable bit
for master abort during posted write transactions [that is, master abort mode = 1; SERR# enable
bit = 1; and p_serr_l disable bit for master aborts = 0].
Note:
When the 21152 performs a Type 1 to special cycle translation, a master abort is the expected
termination for the special cycle on the target bus. In this case, the master abort received bit is not
set, and the Type 1 configuration transaction is disconnected after the first data phase.
Figure 4.8
Delayed Write Transaction Terminated with Master Abort
91% LJ-04849.AI4
p_frame_l
p_cbe_l
p_ad
p_irdy_l
p_devsel_l
p_trdy_l
p_stop_l
s_frame_l
s_cbe_l
s_ad
s_irdy_l
s_devsel_l
s_trdy_l
s_stop_l
p_clk
s_clk
Cycle
CY0
< 15ns >
CY1
CY2
CY3
CY4
CY5
CY6
CY7
CY8
CY10
CY9
CY11
CY12
CY13
CY14
CY15
CY16
Addr
Addr
Addr
Data
Addr
Data
Data
Data
3
3
Byte Enables
3
Byte Enables
Byte Enables
Byte Enables
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com