Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 32 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 21152 Datasheet HTML 28Page - Intel Corporation 21152 Datasheet HTML 29Page - Intel Corporation 21152 Datasheet HTML 30Page - Intel Corporation 21152 Datasheet HTML 31Page - Intel Corporation 21152 Datasheet HTML 32Page - Intel Corporation 21152 Datasheet HTML 33Page - Intel Corporation 21152 Datasheet HTML 34Page - Intel Corporation 21152 Datasheet HTML 35Page - Intel Corporation 21152 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
3-6
21152 PCI-to-PCI Bridge Preliminary Datasheet
Pin Assignment
p_par
106
TS
s_ad<29>
33
TS
p_perr_l
104
STS
s_ad<30>
35
TS
p_req_l
69
TS
s_ad<31>
36
TS
p_rst_l
64
I
s_cbe_l<0>
145
TS
p_serr_l
105
OD
s_cbe_l<1>
158
TS
p_stop_l
101
STS
s_cbe_l<2>
13
TS
p_trdy_l
99
STS
s_cbe_l<3>
25
TS
p_vio
67
I
s_cfn_l
49
I
s_ad<0>
134
TS
s_clk
51
I
s_ad<1>
136
TS
s_clk_o<0>
53
O
s_ad<2>
137
TS
s_clk_o<1>
55
O
s_ad<3>
138
TS
s_clk_o<2>
57
O
s_ad<4>
140
TS
s_clk_o<3>
59
O
s_ad<5>
141
TS
s_clk_o<4>
61
O
s_ad<6>
142
TS
s_devsel_l
7STS
s_ad<7>
144
TS
s_frame_l
11
STS
s_ad<8>
146
TS
s_gnt_l<0>
43
TS
s_ad<9>
148
TS
s_gnt_l<1>
44
TS
s_ad<10>
149
TS
s_gnt_l<2>
45
TS
s_ad<11>
150
TS
s_gnt_l<3>
47
TS
s_ad<12>
152
TS
s_irdy_l
10
STS
s_ad<13>
153
TS
s_lock_l
5STS
s_ad<14>
155
TS
s_par
2TS
s_ad<15>
156
TS
s_perr_l
4STS
s_ad<16>
14
TS
s_req_l<0>
37
I
s_ad<17>
16
TS
s_req_l<1>
38
I
s_ad<18>
17
TS
s_req_l<2>
39
I
s_ad<19>
18
TS
s_req_l<3>
42
I
s_ad<20>
20
TS
s_rst_l
48
O
s_ad<21>
21
TS
s_serr_l
3I
s_ad<22>
22
TS
s_stop_l
6STS
s_ad<23>
24
TS
s_trdy_l
9STS
s_ad<24>
26
TS
s_vio
52
I
s_ad<25>
28
TS
vdd
8P
s_ad<26>
29
TS
vdd
15
P
s_ad<27>
31
TS
vdd
23
P
s_ad<28>
32
TS
vdd
30
P
Table 3-4.
Pin Signal List (Alphanumeric) (Sheet 2 of 3)
Pin
Name
PQFP
Location
Type
Pin
Name
PQFP
Location
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com