Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 64 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 21152 Datasheet HTML 60Page - Intel Corporation 21152 Datasheet HTML 61Page - Intel Corporation 21152 Datasheet HTML 62Page - Intel Corporation 21152 Datasheet HTML 63Page - Intel Corporation 21152 Datasheet HTML 64Page - Intel Corporation 21152 Datasheet HTML 65Page - Intel Corporation 21152 Datasheet HTML 66Page - Intel Corporation 21152 Datasheet HTML 67Page - Intel Corporation 21152 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
5-2
21152 PCI-to-PCI Bridge Preliminary Datasheet
Address Decoding
5.2.1
I/O Base and Limit Address Registers
The 21152 implements one set of I/O base and limit address registers in configuration space that define
an I/O address range for downstream forwarding. The 21152 supports 32-bit I/O addressing, which
allows I/O addresses downstream of the 21152 to be mapped anywhere in a 4 GB I/O address space.
I/O transactions with addresses that fall inside the range defined by the I/O base and limit registers
are forwarded downstream from the primary PCI bus to the secondary PCI bus. I/O transactions
with addresses that fall outside this range are forwarded upstream from the secondary PCI bus to
the primary PCI bus.
The I/O range can be turned off by setting the I/O base address to a value greater than that of the
I/O limit address. When the I/O range is turned off, all I/O transactions are forwarded upstream,
and no I/O transactions are forwarded downstream.
Figure 5-1 illustrates transaction forwarding within and outside the I/O address range.
The 21152 I/O range has a minimum granularity of 4 KB and is aligned on a 4 KB boundary. The
maximum I/O range is 4 GB in size.
The I/O base register consists of an 8-bit field at configuration address 1Ch, and a 16-bit field at
address 30h. The top 4 bits of the 8-bit field define bits <15:12> of the I/O base address. The
bottom 4 bits read only as 1h to indicate that the 21152 supports 32-bit I/O addressing. Bits <11:0>
of the base address are assumed to be 0, which naturally aligns the base address to a 4 KB
boundary. The 16 bits contained in the I/O base upper 16 bits register at configuration offset 30h
define AD<31:16> of the I/O base address. All 16 bits are read/write. After primary bus reset or
chip reset, the value of the I/O base address is initialized to 0000 0000h.
Figure 5-1.
I/O Transaction Forwarding Using Base and Limit Addresses
LJ-04636.AI4
I/O Limit
Primary
Interface
Secondary
Interface
4KB
Multiple
I/O Base
I/O Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com