Electronic Components Datasheet Search
  English  ▼

X  

21152 Datasheet(PDF) 52 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 21152 Datasheet HTML 48Page - Intel Corporation 21152 Datasheet HTML 49Page - Intel Corporation 21152 Datasheet HTML 50Page - Intel Corporation 21152 Datasheet HTML 51Page - Intel Corporation 21152 Datasheet HTML 52Page - Intel Corporation 21152 Datasheet HTML 53Page - Intel Corporation 21152 Datasheet HTML 54Page - Intel Corporation 21152 Datasheet HTML 55Page - Intel Corporation 21152 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
4-18
21152 PCI-to-PCI Bridge Preliminary Datasheet
PCI Bus Operation
4.7.1
Type 0 Access to the 21152
The 21152 configuration space is accessed by a Type 0 configuration transaction on the primary
interface. The 21152 configuration space cannot be accessed from the secondary bus. The 21152
responds to a Type 0 configuration transaction by asserting p_devsel_l when the following
conditions are met during the address phase:
• The bus command is a configuration read or configuration write transaction.
• Low 2 address bits p_ad<1:0> must be 00b.
• Signal p_idsel must be asserted.
The function code is ignored because the 21152 is a single-function device.
The 21152 limits all configuration accesses to a single Dword data transfer and returns a target
disconnect with the first data transfer if additional data phases are requested. Because read
transactions to 21152 configuration space do not have side effects, all bytes in the requested Dword
are returned, regardless of the value of the byte enable bits.
Type 0 configuration write and read transactions do not use 21152 data buffers; that is, these
transactions are completed immediately, regardless of the state of the data buffers.
The 21152 ignores all Type 0 transactions initiated on the secondary interface.
4.7.2
Type 1 to Type 0 Translation
Type 1 configuration transactions are used specifically for device configuration in a hierarchical PCI bus
system. A PCI-to-PCI bridge is the only type of device that should respond to a Type 1 configuration
command. Type 1 configuration commands are used when configuration access is intended for a PCI
device residing on a PCI bus other than the one where the Type 1 transaction is generated.
The 21152 performs a Type 1 to Type 0 translation when the Type 1 transaction is generated on the
primary bus and is intended for a device attached directly to the secondary bus. The 21152 must
convert the configuration command to a Type 0 format so that the secondary bus device can
respond to it. Type 1 to Type 0 translations are performed only in the downstream direction; that is,
the 21152 generates a Type 0 transaction only on the secondary bus, and never on the primary bus.
The 21152 responds to a Type 1 configuration transaction and translates it into a Type 0 transaction
on the secondary bus when the following conditions are met during the address phase:
• The low 2 address bits on p_ad<1:0> are 01b.
• The bus number in address field p_ad<23:16> is equal to the value in the secondary bus
number register in 21152 configuration space.
• The bus command on p_cbe_l<3:0> is a configuration read or configuration write transaction.
When the 21152 translates the Type 1 transaction to a Type 0 transaction on the secondary
interface, it performs the following translations to the address:
• Sets the low 2 address bits on s_ad<10> to 00b
• Decodes the device number and drives the bit pattern specified in Table 4.6 on s_ad<31:16>
for the purpose of asserting the device’s IDSEL signal
• Sets s_ad<15:11> to 0
• Leaves unchanged the function number and register number fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com