Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices LTM4675 Datasheet HTML 33Page - Analog Devices LTM4675 Datasheet HTML 34Page - Analog Devices LTM4675 Datasheet HTML 35Page - Analog Devices LTM4675 Datasheet HTML 36Page - Analog Devices LTM4675 Datasheet HTML 37Page - Analog Devices LTM4675 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
LTM4675
34
Rev. D
For more information www.analog.com
OPERATION
n
Output OV/UV Fault and Warn Protection
n
Output OC Fault and Warn Protection
n
Internal and External Overtemperature Fault and Warn
Protection
n
External Undertemperature Fault Protection
n
CML Fault (Communication, Memory or Logic)
n
ExternalFaultDetectionviatheBidirectionalGPIOnPins.
In addition, the LTM4675 can map any combination of fault
indicators to their respective GPIOn pin using the propagate
GPIOn response commands, MFR_GPIO_PROPAGATEn.
Typical usage of a GPIO pin is as a driver for an external
crowbar device, overtemperature alert, overvoltage alert or
as an interrupt to cause a microcontroller to poll the fault
commands. Alternatively, the GPIOn pins can be used as
inputs to detect external faults downstream of the controller
thatrequireanimmediateresponse.TheGPIO0and/orGPIO1
pins can also be configured as power good outputs. Power
good indicates the controller output is within the OV/UV fault
thresholds.Atpower-upthepinwillinitiallybethree-state.Ifit
is necessary to have the desired polarity on the pin at power-
up in this configuration, attach a Schottky diode between the
RUN pin of the propagated power good signal and the GPIO
pin. The Cathode must be attached to RUN and the Anode to
the GPIO pin (see Figure 2). If the GPIO pin is set to a power
good status, the MFR_GPIO_RESPONSE must be ignore
otherwise a latched off condition exists.
As described in the Soft-Start section, it is possible to control
start-upthroughconcatenatedevents.IfGPIOnisusedtodrive
the RUN pin of another controller, the unfiltered VOUT_UV
fault limit should be mapped to the GPIO pin.
AnyfaultorwarningeventwillcausetheALERTpintoassert
low unless the ALERT is masked by the SMBALERT_MASK
command. The pin will remain asserted low until the
CLEAR_FAULTS command is issued, the fault bit is written
to a 1, the PMBus master successfully reads the device
ARA register, bias power is cycled or a MFR_RESET or
RESTORE_USER_ALLcommandisissued.Channelspecific
faults are cleared if the RUN pins are toggled OFF/ON or
the part is commanded OFF/ON via PMBus. If bit 0 of MFR_
CONFIG_ALL is set to a 1, toggling the RUN pins OFF/ON or
commanding the part OFF/ON via PMBus clears all faults.
TheMFR_GPIO_PROPAGATEncommanddeterminesifthe
GPIO pins are pulled low when a fault is detected; however,
the ALERT pin is always pulled low if a fault or warning is
detected and the status bits are updated unless the ALERT
pin is masked using the SMBALERT_MASK command.
Output and input fault event handling is controlled by the
corresponding fault response byte as specified in Table 24 to
Table 28. Shutdown recovery from these types of faults can
either be autonomous or latched. For autonomous recovery,
the faults are not latched, so if the fault condition is not
present after the retry interval has elapsed, a new soft-start is
attempted. If the fault persists, the controller will continue to
retry.TheretryintervalisspecifiedbytheMFR_RETRY_DELAY
commandandpreventsdamagetotheregulatorcomponents
by repetitive power cycling. The MFR_RETRY_DELAY must
be greater than 120ms. It can not exceed 83.88 seconds.
Channel-to-channel fault dependencies can be created by
connectingGPIOnpinstogether.Intheeventofaninternalfault,
one or more of the channels is configured to pull the bussed
GPIOnpinslow.Theotherchannelsarethenconfiguredtoshut
down when the GPIOn pins are pulled low. For autonomous
group retry, the faulted channel is configured to release the
GPIOn pin(s) after a retry interval, assuming the original
fault has cleared. All the channels in the group then begin
a soft-start sequence. If the fault response is LATCH_OFF,
the GPIO pin remains asserted low until either the RUN pin
is toggled OFF/ON or the part is commanded OFF/ON. The
toggling of the RUN either by the pin or OFF/ON command
will clear faults associated with the channel. If it is desired to
haveallfaultsclearedwheneitherRUNpinistoggled,setbit0
of MFR_CONFIG_ALL to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
RESPONSES TO VOUT AND IOUT FAULTS
VOUTOVandUVconditionsaremonitoredbycomparators.
The OV and UV limits are set in three ways.
n
As a Percentage of the VOUT if Using the Resistor Con-
figuration Pins
n
In EEPROM if Either Programmed at the Factory or
Through the GUI
n
By PMBus Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com