Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices LTM4675 Datasheet HTML 22Page - Analog Devices LTM4675 Datasheet HTML 23Page - Analog Devices LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
LTM4675
23
Rev. D
For more information www.analog.com
OPERATION
POWER MODULE CONFIGURABILITY AND
READBACK DATA
Thissectionofthedatasheetdescribesalltheconfigurable
features and readable data of the LTM4675 accessible
via  I2C. The relevant command code name(s) are
indicated by use of all capital letters, e.g., “VIN_ON”. Refer
to Table 1 and Appendix C: PMBus Command Details of
this data sheet for details of the command code, payload
size, data format and factory-default value. Specific
register bits of some registers are indicated with the use
of brackets, i.e., “[” and “]”. The least significant bit (LSB)
of a register is bit number zero, indicated by “[0]”. The
mostsignificantbitofabyte-long(8-bit-long)registerisbit
number seven, indicated by “[7]”. The most significant bit
(MSB) of a word-long (16-bit-long) register is bit number
fifteen, indicated by “[15]”. Multiple bits of a register can
be alluded to with the use of a colon, e.g., bits 2, 1 and
0 of the MFR_PWM_CONFIG register are indicated by
“MFR_PWM_CONFIG[2:0]”. Bits can take on values of 0b
or 1b. The subscripted “b” suffix indicates the number’s
value is in binary. Values in hexadecimal are indicated with
a “0x” prefix. For example, decimal value “89” is indicated
by 0x59 and 01011001b (8-bit-long values), as well as
0x0059 and 0000000001011001b (16-bit-long values).
One further shorthand notion the reader will notice is the
italicized “n” or “n”. “n” can take on a value of 0 or 1—and
provides an easy way to refer to registers which are paged
commands, i.e., register names which have the same
commandcodevaluebutcanbeconfiguredindependently
(or yield channel-specific telemetry) for Channel 0 (Page
0, or 0x00) vs Channel 1 (Page 1, or 0x01). Registers
lacking an “n” are therefore easily identified as being
global in nature, i.e., common to both Channels/Outputs.
For example, the switching frequency setting commanded
by register FREQUENCY_SWITCH is common to both
channels, and lacks “n”. Another example: the READ_VIN
register contains the digitized input voltage as seen at
the SVIN pin, and SVIN is unique, i.e., common to both
Channels. In contrast, the nominal commanded output
voltage is indicated by the register VOUT_COMMANDn.
The “n” indicates that VOUT_COMMAND can be set dif-
ferently for Channel 0 vs Channel 1. Executing the PAGE
Command (Command Code 0x00) with payload 0x00 sets
the LTM4675 to write/read data pertaining to Channel 0 in
all subsequent I2C transactions until the Page is changed.
Executing the PAGE Command with payload 0x01 sets the
LTM4675 to write/read data pertaining to Channel 1 in all
subsequent I2C transactions until the Page is changed.
Executing the PAGE Command with payload 0xFF sets
the LTM4675 to write data pertaining to Channels 0 and 1
in all subsequent I2C write transactions until the Page is
changed. Reads from and writes to global registers do
not require setting the Page to 0xFF. Reads from channel-
specific (i.e., non-global) registers when the Page is set to
0xFF result in the LTM4675 reporting the value on Page
0x00 (i.e., Channel 0-specific data).
The list below itemizes aspects of the LTM4675 relating
to power supply functions that are configurable by I2C
communications—provided the state of the WP (write
protect)pinandtheWRITE_PROTECTregistervaluepermit
the I2C writes—and by EEPROM settings:
n
Output start-up voltages (VOUT_COMMANDn), the
maximumcommandableoutputvoltages(VOUT_MAXn),
outputmarginhigh(VOUT_MARGIN_HIGHn)andmargin
low (VOUT_MARGIN_LOWn) command voltages, and
output over/undervoltage warning and fault thresholds
(VOUT_OV_WARN_LIMITn,VOUT_OV_FAULT_LIMITn,
VOUT_UV_WARN_LIMITn, and VOUT_UV_FAULT_
LIMITn). Additionally, these values can be configured
at SVIN power-up according to resistor-pin strapping of
the VOUT0CFG, VTRIM0CFG, VOUT1CFG and/or VTRIM1CFG
pins, provided MFR_CONFIG_ALL[6] = 0b.
n
Output voltages, on the fly, including transition rate
(∆V/∆t), VOUT_TRANSITION_RATEn—either by I2C
writes to the VOUT_COMMANDn, VOUT_MARGIN_
HIGHn, or VOUT_MARGIN_LOWn registers, and/or to
the OPERATIONn register.
n
Input undervoltage-lockout, rising (VIN_ON) and input
undervoltage lockout, falling (VIN_OFF), based on the
SVIN pin voltage.
n
Switchingfrequency(FREQUENCY_SWITCH)andchannel
phase-interleaving angle (MFR_PWM_CONFIG[2:0]).
However, these parameters can be changed via I2C
communications only when the LTM4675’s channels
are off, i.e., not switching. The LTM4675 synchronizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com