Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
LTM4675
16
Rev. D
For more information www.analog.com
PIN FUNCTIONS
SYNC (E5): PWM Clock Synchronization Input and Open-
DrainOutputPin.ThesettingoftheFREQUENCY_SWITCH
commanddictateswhethertheLTM4675isa“syncmaster”
or “sync slave” module. When the LTM4675 is a sync
master, FREQUENCY_SWITCH contains the commanded
switching frequency of Channels 0 and 1—in PMBus
linear data format—and it drives its SYNC pin low for
500ns at a time, at this commanded rate. In contrast, a
sync slave uses MFR_CONFIG_ALL[4]=1b and does not
pull its SYNC pin low. The LTM4675’s PLL synchronizes
the LTM4675’s PWM clock to the waveform present on
the SYNC pin—and therefore, a resistor pull-up to 3.3V
is required in the application, regardless of whether the
LTM4675 is a sync master or slave. EXCEPTION: driving
the SYNC pin with an external clock is permissible; see
the Applications Information section for details.
SCL (E4): Serial Bus Clock Open-Drain Input (Can Be
an Input and Output, if Clock Stretching is Enabled). A
pull-up resistor to 3.3V is required in the application
for digital communication to the SMBus master(s) that
nominally drive this clock. The LTM4675 will never
encounter scenarios where it would need to engage clock
stretching unless SCL communication speeds exceed
100kHz—and even then, LTM4675 will not clock stretch
unless clock stretching is enabled by means of setting
MFR_CONFIG_ALL[1] = 1b. The factory-default NVM
configuration setting has MFR_CONFIG_ALL[1] = 0b:
clock stretching disabled. If communication on the bus at
clock speeds above 100kHz is required, the user’s SMBus
master(s) need to implement clock stretching support to
assure solid serial bus communications, and only then
should MFR_CONFIG_ALL[1] be set to 1b. When clock
stretching is enabled, SCL becomes a bidirectional, open-
drain output pin on LTM4675.
SDA (D4): Serial Bus Data Open-Drain Input and Output.
A pull-up resistor to 3.3V is required in the application.
ALERT (E3): Open-Drain Digital Output. A pull-up resistor
to 3.3V is required in the application only if SMBALERT
interruptdetectionisimplementedinone’sSMBussystem.
SHARE_CLK (H5): Share Clock, Bidirectional Open-
Drain Clock Sharing Pin. Nominally 100kHz. Used for
synchronizing the time base between multiple LTM4675s
(and any other ADI devices with a SHARE_CLK pin)—to
realize well-defined rail sequencing and rail tracking. Tie
the SHARE_CLK pins of all such devices together; all
devices with a SHARE_CLK pin will synchronize to the
fastest clock. A pull-up resistor to 3.3V is required when
synchronizing the time base between multiple devices. If
synchronizing the time base between multiple devices is
not needed and MFR_CHAN_CONFIGn[2] = 0b, only then
is a pull-up resistor not required.
GPIO0, GPIO1 (E2 and F2, Respectively): Digital,
Programmable General Purpose Inputs and Outputs.
Open-drain outputs and/or high impedance inputs. The
LTM4675’s factory-default NVM configurations for
MFR_GPIO_PROPAGATEn—0x6893—and MFR_GPIO_
RESPONSEn—0xC0—are such that: (1) when a channel-
specific fault condition is detected—such as channel OT
(overtemperature)oroutputUV/OV—therespectiveGPIOn
pin pulls logic low; (2) when a non-channel specific fault
condition is detected—such as input OV or control IC
OT—both GPIOn pins pull logic low; (3) the LTM4675
ceases switching action on Channel 0 and 1 when its
respective GPIOn pin is logic low. Most significantly, this
default configuration provides for graceful integration and
inter-operation of LTM4675 with paralleled channel(s) of
other LTM4675(s)—in terms of properly coordinating
efforts in starting, ceasing, and resuming switching
action and output voltage regulation, in unison—all
without GUI intervention or the need to “custom-
preprogram” module NVM contents. Pull-up resistors
from GPIOn to 3.3V are required for proper operation in
the vast majority of applications. (Only if the LTM4675’s
MFR_GPIO_RESPONSEn value were set to 0x00 might
pull-ups be unnecessary. See the Applications Information
section for details.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com