Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
LTM4675
11
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current at 5VIN
Efficiency vs Load Current at 8VIN
Efficiency vs Load Current at 12VIN
TA = 25°C, 12VIN to 1VOUT, unless otherwise noted.
OUTPUT CURRENT (A)
0
2
4
80
90
18
70
65
6
8
10 12 14 16
100
75
85
95
4675 G01
3.3VOUT, 650kHz
2.5VOUT, 650kHz
1.8VOUT, 650kHz
1.5VOUT, 575kHz
1.2VOUT, 500kHz
1.0VOUT, 500kHz
0.9VOUT, 425kHz
OUTPUT CURRENT (A)
0
2
4
80
90
18
70
65
6
8
10 12 14 16
100
75
85
95
4675 G02
5.0VOUT, 1MHz
3.3VOUT, 1MHz
2.5VOUT, 1MHz
1.8VOUT, 750kHz
1.5VOUT, 650kHz
1.2VOUT, 575kHz
1.0VOUT, 500kHz
0.9VOUT, 525kHz
Single Phase Single Output
Pulse-Skipping (Discontinuous)
Mode Efficiency,
VIN = SVIN = VINn, INTVCC Open,
MFR_PWM_MODEn[0] = 0b
OUTPUT CURRENT (A)
0
1
2
50
70
9
4675 G04
40
3
4
5
6
7
8
90
60
80
12VIN TO 1.5VOUT, 650kHz
Dual Phase Single Output Load
Transient Response,12VIN to 1VOUT
Single Phase Single Output Load
Transient Response,12VIN to 1VOUT
Dual Phase Single Output Load
Transient Response, 5VIN to 1VOUT
VOUT
20mV/DIV
AC-COUPLED
IOUT
10A/DIV
50µs/DIV
FIGURE 27 CIRCUIT AT 12VIN, INTVCC PIN
OPEN CIRCUIT AND VOUT_COMMANDn SET
TO 1.000V. 8A TO 18A LOAD STEP AT 10A/µs
4675 G05
VOUT0
50mV/DIV
AC-COUPLED
IOUT
5A/DIV
40µs/DIV
FIGURE 61 CIRCUIT AT 12VIN
0A TO 5A LOAD STEP AT 5A/µs
4675 G06
VOUT
20mV/DIV
AC-COUPLED
IOUT
10A/DIV
50µs/DIV
FIGURE 27 CIRCUIT AT 5VIN,
VOUT_COMMANDn SET TO 1.000V.
8A TO 18A LOAD STEP AT 10A/µs
4675 G07
Dual Output Concurrent Rail
Start-Up/Shutdown
Dual Output Start-Up/Shutdown
with a Pre-Biased Load
VOUT0,
VOUT1
500mV/DIV
IOUT0
5A/DIV
RUN0, RUN1
5V/DIV
2ms/DIV
FIGURE 61 CIRCUIT AT 12VIN, 112m LOAD
ON VOUT0, NO LOAD ON VOUT1.
TON_RISE0 = 3ms, TON_RISE1 = 5.297ms,
TOFF_DELAY1 = 0ms, TOFF_DELAY0 = 2.43ms,
TOFF_FALL1 = 5.328ms, TOFF_FALL0 = 3ms,
ON_OFF_CONFIGn = 0x1E
4675 G08
VOUT0, VOUT1
500mV/DIV
IDIODE
1mA/DIV
RUN0, RUN1
5V/DIV
2ms/DIV
FIGURE 61 CIRCUIT AT 12VIN, 112m LOAD ON
VOUT0, 500 ON VOUT1. VOUT1 PRE-BIASED
THROUGH A DIODE. TON_RISE0 = 3ms,
TON_RISE1 = 5.297ms, TOFF_DELAY1 = 0ms,
TOFF_DELAY0 = 2.43ms, TOFF_FALL1 = 5.328ms,
TOFF_FALL0 = 3ms, ON_OFF_CONFIG1 = 0x1F,
ON_OFF_CONFIG0 = 0x1E
4675 G09
OUTPUT CURRENT (A)
0
2
4
80
90
18
70
65
6
8
10 12 14 16
100
75
85
95
4675 G03
5.0VOUT, 1MHz
3.3VOUT, 1MHz
2.5VOUT, 1MHz
1.8VOUT, 750kHz
1.5VOUT, 650kHz
1.2VOUT, 575kHz
1.0VOUT, 500kHz
0.9VOUT, 525kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com