Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 3Page - Analog Devices LTM4675 Datasheet HTML 4Page - Analog Devices LTM4675 Datasheet HTML 5Page - Analog Devices LTM4675 Datasheet HTML 6Page - Analog Devices LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
LTM4675
7
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 5V,
FREQUENCY_SWITCH = 500kHz and VOUTn commanded to 1.000V unless otherwise noted. Configured with factory-default EEPROM
settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONVERT-VO-RB
Output Voltage Readback
Update Rate
MFR_ADC_CONTROL=0x00 (Notes 9, 15)
MFR_ADC_CONTROL=0x0D (Notes 9, 15)
MFR_ADC_CONTROL=0x05 or 0x09 (Notes 9, 15)
90
27
8
ms
ms
ms
Input Voltage (SVIN) Readback (READ_VIN)
NSVIN-RB
Input Voltage Readback
Resolution and LSB Step
Size
(Notes 10, 15)
10
15.625
Bits
mV
SVIN-F/S
Input Voltage Full-Scale
Digitizable Range
(Notes 11, 15)
38.91
V
SVIN-RB-ACC
Input Voltage Readback
Accuracy
READ_VIN, 4.5V ≤ SVIN ≤ 17V
l
Within ±2% of Reading
tCONVERT-SVIN-RB
Input Voltage Readback
Update Rate
MFR_ADC_CONTROL=0x00 (Notes 9, 15)
MFR_ADC_CONTROL=0x01 (Notes 9, 15)
90
8
ms
ms
Channels0and1OutputCurrent(READ_IOUTn),DutyCycle(READ_DUTY_CYCLEn),andComputedInputCurrent(MFR_READ_IINn)Readback
NIO-RB
Output Current Readback
Resolution and LSB Step
Size
(Notes 10, 12)
10
15.6
Bits
mA
IO-F/S, II-F/S
Output Current Full-Scale
Digitizable Range and
Input Current Range of
Calculation
(Note 12)
±40
A
IO-RB-ACC
Output Current, Readback
Accuracy
READ_IOUTn, Channels 0 and 1, 0 ≤ IOUTn ≤ 9A,
Forced-Continuous Mode, MFR_PWM_MODEn[0]=1b
l
Within 225mA of Reading
IO-RB(9A)
Full Load Output Current
Readback
IOUTn = 9A (Note 12). See Histograms in Typical Performance
Characteristics
9
A
NII-RB
Computed Input Current,
Readback Resolution and
LSB Step Size
(Notes 10, 12)
10
1.95
Bits
mA
II-RB-ACC
Computed Input Current,
Readback Accuracy,
Neglecting ISVIN
MFR_READ_IINn, Channels 0 and 1, 0 ≤ IOUTn ≤ 9A,
Forced-Continuous Mode, MFR_PWM_MODEn[0]=1b,
MFR_IIN_OFFSETn = 0mA
l
Within140mAofReading
tCONVERT-IO-RB
Output Current Readback
Update Rate
MFR_ADC_CONTROL=0x00 (Notes 9, 15)
MFR_ADC_CONTROL=0x0D (Notes 9, 15)
MFR_ADC_CONTROL=0x06 or 0x0A (Notes 9, 15)
90
27
8
ms
ms
ms
tCONVERT-II-RB
Computed Input Current,
Readback Update Rate
MFR_ADC_CONTROL=0x00 (Notes 9, 15)
90
ms
NDUTY-RB
Resolution, Duty Cycle
Readback
(Notes 10, 15)
10
Bits
DRB-ACC
Duty Cycle TUE
READ_DUTY_CYCLEn, 16.3% Duty Cycle (Note 15)
±3
%
tCONVERT-DUTY-RB Duty Cycle Readback
Update Rate
MFR_ADC_CONTROL=0x00 (Notes 9, 15)
90
ms
Temperature Readback for Channel 0, Channel 1, and Controller (Respectively: READ_TEMPERATURE_10, READ_TEMPERATURE_11,
and READ_TEMPERATURE_2)
TRES-RB
Temperature Readback
Resolution
Channel 0, Channel 1, and Controller (Note 15)
0.0625
°C
TRB-CH-ACC(72mV) Channel Temperature
TUE, Switching Action Off
Channels 0 and 1, PWM Inactive, RUNn = 0V,
∆VTSNSna = 72mV
l
Within ±3°C of Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com