Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
LTM4675
17
Rev. D
For more information www.analog.com
PIN FUNCTIONS
WP (K4): Write Protect Pin, Active High. An internal
10μA current source pulls this pin to VDD33. If WP is
open circuit or logic high, only I2C writes to PAGE,
OPERATION, CLEAR_FAULTS, MFR_CLEAR_PEAKS and
MFR_EE_UNLOCK are supported. Additionally, individual
faults can be cleared by writing 1b’s to bits of interest in
registers prefixed with “STATUS”. If WP is low, I2C writes
are unrestricted.
RUN0,RUN1(F3andF4,Respectively):EnableRunInput
for Channels 0 and 1, Respectively. Open-drain input and
output. Logic high on these pins enables the respective
outputs of the LTM4675. These open-drain output pins
hold the pin low until the LTM4675 is out of reset and
SVIN is detected to exceed VIN_ON. A pull-up resistor to
3.3V is required in the application. Do not pull RUN logic
high with a low impedance source.
TSNS0 (C3 and D3): Temperature Sensor Node for Chan-
nel 0. Pads C3 and D3 are connected to each other inter-
nal to the module. It is permissible to leave these pads
electrically open circuit and to only solder these pins to
mounting pads on the PC board for mechanical integrity
purposes. However, it is acceptable to electrically connect
C3 to D3 on the PC board.
TSNS1a, TSNS1b (J3 and K3, Respectively): Channel 1
TemperatureExcitation/MeasurementandThermalSensor
Pins, Respectively. In most applications, connect TSNS1a
to TSNS1b.ThisallowstheLTM4675tomonitorthePower
Stage Temperature of Channel 1. See the Applications
Information section for information on how to use TSNS1a
to monitor a temperature sensor external to the module,
e.g., a PN junction on the die of a microprocessor.
COMP0a, COMP1a (E6 and H6, Respectively): Current
ControlThresholdandErrorAmplifierCompensationNodes
for Channels 0 and 1, Respectively. The trip threshold
of each channel’s current comparator increases with a
respective rise in COMPna voltage. Small filter capacitors
(22pF) internal to the LTM4675 on these COMP pins (ter-
minated to SGND) introduce high frequency roll off of the
error-amplifier response, yielding good noise rejection in
the control loop. See COMP0b/COMP1b.
COMP0b, COMP1b (D6 and J6, Respectively): Internal
Loop Compensation Networks for Channels 0 and 1, Re-
spectively.Forthevastmajorityofapplications,theinternal,
default loop compensation of the LTM4675 is suitable to
apply “as is”, and yields very satisfactory results: apply the
default loop compensation to the control loops of Chan-
nels 0 and 1 by simply connecting COMP0a to COMP0b
and COMP1a to COMP1b, respectively. In contrast, when
more specialized applications require a personal touch the
optimization of control loop response, this can be easily
accomplished by connecting (an) R-C network(s) from
COMP0a and/or COMP1a—terminated to SGND—and
leaving COMP0b and/or COMP1b open, as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com