Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 9Page - Analog Devices LTM4675 Datasheet HTML 10Page - Analog Devices LTM4675 Datasheet HTML 11Page - Analog Devices LTM4675 Datasheet HTML 12Page - Analog Devices LTM4675 Datasheet HTML 13Page - Analog Devices LTM4675 Datasheet HTML 14Page - Analog Devices LTM4675 Datasheet HTML 15Page - Analog Devices LTM4675 Datasheet HTML 16Page - Analog Devices LTM4675 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
LTM4675
13
Rev. D
For more information www.analog.com
PIN FUNCTIONS
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
GND (A2-8, B2-7, C2, C4-8, D2, D5, E1, E9, F1, F8, G1,
G8-9, H1, H8-9, J2, J8, K2, K5-8, L2-7, M2-8): Power
GroundoftheLTM4675.PowerreturnforVOUT0andVOUT1.
VOUT0 (A1, B1, C1, D1): Channel 0 Output Voltage.
VOSNS0+(D7):Channel0PositiveDifferentialVoltageSense
Input.Together,VOSNS0+andVOSNS0–servetokelvin-sense
the VOUT0 output voltage at VOUT0’s point of load (POL)
and provide the differential feedback signal directly to
Channel 0’s control loop and voltage supervisor circuits.
VOUT0 can regulate up to 5.5V output. Command VOUT0’s
target regulation voltage by serial bus. Its initial command
value at SVIN power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUT0CFG,
VTRIM0CFG and the Applications Information section.
VOSNS0– (E7): Channel 0 Negative Differential Voltage
Sense Input. See VOSNS0+.
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, 12VIN to 1VOUT, unless otherwise noted.
READ_IOUT of 26 LTM4675s
(DC2053) 12VIN, 1VOUT,
TJ = –40°C, IOUTn = 9A, System
Having Reached Thermally
Steady-State Condition, No Airflow
READ_IOUT of 26 LTM4675s
(DC2053) 12VIN, 1VOUT,
TJ = 25°C, IOUTn = 9A, System
Having Reached Thermally
Steady-State Condition, No Airflow
READ_IOUT of 26 LTM4675s
(DC2053) 12VIN, 1VOUT,
TJ = 125°C, IOUTn = 9A, System
Having Reached Thermally
Steady-State Condition, No Airflow
READ_IOUT CHANNEL READBACK (A)
4675 G17
0
2
4
6
8
10
12
14
READ_IOUT CHANNEL READBACK (A)
4675 G18
0
2
4
6
8
10
12
14
READ_IOUT CHANNEL READBACK (A)
4675 G19
0
2
4
6
8
10
12
14
VORB0+ (D8): Channel 0 Positive Readback Pin. Shorted to
VOSNS0+ internal to the LTM4675. If desired, place a test
point on this node and measure its impedance to VOUT0
on one’s hardware (e.g., motherboard, during in circuit
test (ICT) post-assembly process) to provide a means of
verifying the integrity of the feedback signal connection
between VOSNS0+ and VOUT0.
VORB0– (E8): Channel 0 Negative Readback Pin. Shorted
to VOSNS0– internal to the LTM4675. If desired, place a
test point on this node and measure its impedance to
GND on one’s hardware (e.g., motherboard, during ICT
post-assembly process) to provide a means of verifying
the integrity of the feedback signal connection between
VOSNS0– and GND (VOUT0 power return).
VOUT1 (J1, K1, L1, M1): Channel 1 Output Voltage.
VOSNS1 (H7): Channel 1 Positive Voltage Sense Input.
Connect VOSNS1 to VOUT1 at the POL. This provides the
feedback signal for Channel 1’s control loop and voltage
supervisor circuits. VOUT1 can regulate up to 5.5V output.
Command VOUT1’s target regulation voltage by serial bus.
Its initial command value at SVIN power-up is dictated by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com