Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices LTM4675 Datasheet HTML 22Page - Analog Devices LTM4675 Datasheet HTML 23Page - Analog Devices LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
LTM4675
24
Rev. D
For more information www.analog.com
OPERATION
its switching frequency to a clock signal supplied to
its SYNC pin when MFR_CONFIG_ALL[4]=1b. These
parameterscanbeconfiguredatSVINpower-upaccording
to resistor-pin strapping of the FSWPHCFG pin, provided
MFR_CONFIG_ALL[6] = 0b.
n
Output voltage turn-on and turn-off sequencing and
associated watchdog timers, namely:
• Outputvoltageturn-ondelaytime(thetimedelayfrom
the LTM4675 being commanded to turn on, e.g., by
the RUNn pin toggling from logic low to high, before
switching action commences. TON_DELAYn).
• Outputvoltagesoft-startramp-uptime(TON_RISEn).
• The amount of time (TON_MAX_FAULT_LIMITn)
permittedtoelapseaftertheLTM4675iscommanded
to turn on, e.g., by the RUNn pin toggling from logic
low to high, after which, if the output voltage fails
to exceed the output undervoltage fault threshold
(VOUT_UV_FAULT_LIMITn), the LTM4675’s output
(VOUTn) is declared to have not come up in a timely
manner.
• The LTM4675’s response to any such afore-
mentioned TON_MAX_FAULT_LIMITn event
(TON_MAX_FAULT_RESPONSEn).
• Output voltage soft-stop ramp-down time
(TOFF_FALLn).
• Outputvoltageturn-offdelaytime(thetimedelayfrom
the LTM4675 being commanded to turn off, e.g., by
the RUNn pin toggling from logic high to low, before
switching action ceases. TOFF_DELAYn).
• When commanded to turn off its output—or,
when turning off its output in response to a fault—
configuring whether the LTM4675's output (VOUTn)
becomes high impedance (“High-Z” or “three
state”—turning off both MTn and MBn in the power
stage). (“Immediate Off”, ON_OFF_CONFIGn[0] =
1b vs configuring the output voltage to be ramped
downaccordingtoTOFF_FALLnand/orTOFF_DELAYn
settings, ON_OFF_CONFIGn[0] = 0b).
• The amount of time (TOFF_MAX_WARN_LIMITn)
permitted to elapse after the LTM4675 is supposed
to have turned off its output, i.e., at the end of the
period dictated by TOFF_FALLn, after which, If the
output voltage has not fallen below 12.5% of the
former target voltage of regulation, the LTM4675’s
output(VOUTn)isdeclaredtohavenotpowereddown
in a timely manner.
n
Configurable output voltage restart time. Subsequent to
the RUNn pin being pulled low, the LTM4675 pulls RUNn
logiclow,itself,andtheoutputcannotberestarteduntila
minimum time has elapsed—the restart delay time. This
delay assures proper sequencing of all system rails. The
minimum restart delay processed by the LTM4675 is the
longer of (TOFF_DELAYn+TOFF_FALLn+136ms)vsthe
commanded MFR_RESTART_DELAYn register value. At
the end of this delay, the LTM4675 releases its RUNnpin.
n
Configurable fault-hiccup retry delay time. When a fault
occurs in which the LTM4675’s fault response behavior
to that fault is to reattempt power-up of its output voltage
aftersaidfaultceasestobepresent(e.g.,“InfiniteRetry”),
the delay time for the LTM4675 to re-engage switching
action is the longer of the MFR_RETRY_DELAYn time vs
the time required for the output to decay below 12.5% of
theformerlycommandedoutputvoltagevalue(unlessthis
lattermostcriteria,i.e.,requiringtheoutputtodecaybelow
12.5% is negated by the setting of MFR_CHAN_CON-
FIGn[0] to “1b”—which is the LTM4675’s factory-NVM
default setting).
n
Output over/undervoltage fault responses (VOUT_OV_
FAULT_RESPONSEn,VOUT_UV_FAULT_RESPONSEn).
n
Time-averagedcurrentlimitwarningandinstantaneous
peak(cycle-by-cycle)faultthresholds,andfaultresponse
(IOUT_OC_WARN_LIMITn, IOUT_OC_FAULT_LIMITn,
IOUT_OC_FAULT_RESPONSEn).
n
Channel (VOUT0, VOUT1) overtemperature warning and
faultthresholds,andfaultresponse(OT_WARN_LIMITn,
OT_FAULT_LIMITn, OT_FAULT_RESPONSEn).
n
Channel (VOUT0, VOUT1) undertemperature fault
thresholds and fault response (UT_FAULT_LIMITn,
UT_FAULT_RESPONSEn).
n
Input overvoltage fault threshold and response
(VIN_OV_FAULT_LIMIT,VIN_OV_FAULT_RESPONSE),
based on the SVIN pin voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com