Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 49 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 45Page - Analog Devices LTM4675 Datasheet HTML 46Page - Analog Devices LTM4675 Datasheet HTML 47Page - Analog Devices LTM4675 Datasheet HTML 48Page - Analog Devices LTM4675 Datasheet HTML 49Page - Analog Devices LTM4675 Datasheet HTML 50Page - Analog Devices LTM4675 Datasheet HTML 51Page - Analog Devices LTM4675 Datasheet HTML 52Page - Analog Devices LTM4675 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
LTM4675
49
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
If a channel is enabled for discontinuous mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator, IREV, turns off the bottom MOSFET
(MBn) just before the inductor current reaches zero,
preventing it from reversing and going negative. Thus, the
controller can operate in discontinuous (pulse-skippng)
operation. In forced continuous operation, the inductor
current is allowed to reverse at light loads or under
large transient conditions. The peak inductor current
is determined solely by the voltage on the COMPna pin.
In this mode, the efficiency at light loads is lower than
discontinuousmodeoperation.However,continuousmode
exhibitsloweroutputrippleandlessinterferencewithaudio
circuitry. Forced continuous conduction mode may result
in reverse inductor current, which can cause the input
supply to boost. The VIN_OV_FAULT_LIMIT can detect
this (if SVIN is connected to VIN0 and/or VIN1) and turn off
the offending channel. However, this fault is based on an
ADC read and can nominally take up to 90ms to detect. If
there is a concern about the input supply boosting, keep
the part in discontinuous conduction operation.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the LTM4675’s channels is
establishedbyitsanalogphase-locked-loop(PLL)locking
on to the clock present at the module’s SYNC pin. The
clock waveform on the SYNC pin can be generated by
theLTM4675’sinternalcircuitrywhenanexternalpull-up
resistor to 3.3V (e.g., VDD33) is provided, in combination
with the LTM4675 control IC’s FREQUENCY_SWITCH
command being set to one of the following supported
values: 250kHz, 350kHz, 425kHz, 500kHz, 575kHz,
650kHz, 750kHz, 1MHz (see Table 8 for hexadecimal
values). In this configuration, the module is called a
“sync master”: using the factory-default setting of
MFR_CONFIG_ALL[4]=0b,SYNCbecomesabidirectional
open-drain pin, and the LTM4675 pulls SYNC logic low
for nominally 500ns at a time, at the prescribed clock
rate. The SYNC signal can be bused to other LTM4675
modules (configured as “sync slaves”), for purposes of
synchronizingswitchingfrequenciesofmultiplemodules
within a system—but only one LTM4675 should be
configured as a “sync master”; the other LTM4675(s)
should be configured as “sync slaves”.
There are two recommended ways to configure an
LTM4675 as a “sync slave”:
• Apply an appropriate pin-strap resistor setting on the
FSWPHCFG pin (see Table 4), and use the factory-default
setting MFR_CONFIG_ALL[6] = 0b. This configures
MFR_CONFIG_ALL[4] = 1b and FREQUENCY_SWITCH
according to EEPROM settings (0xFBE8 factory default,
corresponding to 500kHz). The LTM4675’s SYNC pin
thus becomes a high impedance input and the module
synchronizes its frequency to that of the externally
applied clock, provided that the frequency of the
externally applied clock exceeds ~45% of the target
frequency(FREQUENCY_SWITCH).IftheSYNCclockis
absent, the module responds by operating at its target
frequency, indefinitely. If and when the SYNC clock is
restored, the module automatically phase-locks to the
SYNC clock as normal.
• Set FREQUENCY_SWITCH to 0x0000 and MFR_
CONFIG_ALL[4]=1b. Using MFR_CONFIG_ALL[4]=1b,
the LTM4675’s SYNC pin becomes a high impedance
input,only—i.e.,itdoesnotdriveSYNClow.Themodule
synchronizes its frequency to that of the clock applied
to its SYNC pin. The only shortcoming of this approach
is: in the absence of an externally applied clock, the
switching frequency of the module will default to the
low end of its frequency-synchronization capture range
(~225kHz).
The FREQUENCY_SWITCH command can be altered
via I2C commands, but only when switching action is
disengaged, i.e., the module’s outputs are turned off. The
FREQUENCY_SWITCHcommandtakesonthevaluestored
in NVM at SVIN power-up, but is overridden according
to a resistor pin-strap applied between the FSWPHCFG pin
and SGND only if the module is configured to respect
resistor pin-strap settings (MFR_CONFIG_ALL[6] = 0b).
Table 4 highlights available resistor pin-strap and
corresponding FREQUENCY_SWITCH settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com