Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices LTM4675 Datasheet HTML 26Page - Analog Devices LTM4675 Datasheet HTML 27Page - Analog Devices LTM4675 Datasheet HTML 28Page - Analog Devices LTM4675 Datasheet HTML 29Page - Analog Devices LTM4675 Datasheet HTML 30Page - Analog Devices LTM4675 Datasheet HTML 31Page - Analog Devices LTM4675 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
LTM4675
28
Rev. D
For more information www.analog.com
OPERATION
n
Configuring whether the LTM4675’s output voltage
digital servos are active vs disengaged (MFR_PWM_
MODEn[6]. Uncommon to alter this parameter from its
NVM-factory default settings).
n
Configuring whether the LTM4675’s current limit
range is set to high range vs low range. (MFR_PWM_
MODEn[7]. Not recommended to alter this parameter
from its NVM-factory default settings).
Remaining LTM4675 status that can be queried over I2C
communications follow:
n
Accesstothree“hand-shaking”statusbits(MFR_COM-
MON[6:4]) to ease implementation of PMBus busy
protocols, i.e., enabling fast and robust system level
communication through polling of these bits to infer
LTM4675’s readiness to act on subsequent I2C writes.
(SeePMBuscommunicationandcommandprocessing,
in the Applications Information section.)
n
Providing a means to determine whether the LTM4675
NVMdownloadtoRAMhasoccurred(“NVMInitialized,”
MFR_COMMON[3]).
n
Providing a means other than ARA protocol to de-
termine whether the LTM4675 is pulling ALERT low
(MFR_COMMON[7]).
n
Detecting a SHARE_CLK timeout event
(MFR_COMMON[1]).
n
Verifying or Altering the Slave Address of the LTM4675
(MFR_ADDRESS).
POWER MODULE OVERVIEW
Adedicatedremote-senseamplifierpreciselykelvin-senses
VOUT0’sloadviathedifferentialpin-pairformedbyVOSNS0+
andVOSNS0–.VOUT0canbecommandedtobetween0.5VDC
and 5.5VDC. VOUT1 is sensed via the pin-pair formed by
VOSNS1 and signal ground of the module’s SGND. VOUT1
can be commanded to between 0.5VDC and 5.5VDC.
Output voltage readback telemetry is available over I2C
(READ_VOUTn registers). Peak output voltage readback
telemetry is accessible in the MFR_READ_VOUT_PEAKn
registers. If VOSNS0– exceeds VOSNS0+, no phase reversal
of the differentially-sensed output voltage feedback signal
occurs(Note12).Similarly,nophasereversaloccurswhen
SGND exceeds VOSNS1(Note 12). For added flexibility, the
VOSNSO+/VOSNSO– feedback pins can be configured as the
control loop feedback path for both VOUT0 and VOUT1 by
setting MFR_PWM_CONFIG[7]=1b. (See Figure 34).
The typical application schematic is shown in Figure 61
on the back page of this data sheet.
The LTM4675 can operate from input voltages between
5.75V and 17V (see front page figure). In this configura-
tion, INTVCC MOSFET driver and control IC bias is gener-
ated internally by an LDO fed from SVIN to produce 5V
at up to 100mA peak output current. Additional internal
LDOs—3.3V (VDD33), derived from INTVCC, and 2.5V
(VDD25), derived from VDD33—bias the LTM4675’s digital
circuitry.WhenINTVCCisconnectedtoSVIN,theLTM4675
can operate from input voltages between 4.5V and 5.75V
(see Figure 27). Control IC bias (SVIN) is routed indepen-
dent of the inputs to the power stages (VIN0, VIN1); this
enables step-down DC/DC conversion from less than 4.5V
input (see Figure 29), so long as auxiliary power (4.5V
~ 17V) is available to bias the control IC appropriately.
Furthermore, the inputs of the two power stages are not
connected together internal to the module; therefore, DC/
DCstep-downconversionfromtwodifferentsourcepower
supplies can be performed.
Per Note 6 of the Electrical Characteristics section, the
output current may require derating for some operating
scenarios. Detailed derating guidance is provided in the
Applications Information section.
The LTM4675 contains dual integrated constant frequency
currentmodecontrolbuckregulators(Channel0andChannel
1)whosebuilt-inpowerMOSFETsarecapableoffastswitching
speed. The factory NVM-default switching frequency clocks
SYNC at 500kHz, to which the regulators synchronize their
switching frequency. The default phase-interleaving angle
betweenthechannelsis180°.Apin-strappingresistoronFSW-
PHCFG configures the frequency of the SYNC clock (switching
frequency)andthechannelphaserelationshipofthechannels
to each other and with respect to the falling edge of the SYNC
signal. (Not all possible combinations of switching frequency
and phase-angle assignments are settable by resistor pin
programming; see Table 4. Configure the LTM4675’s NVM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com