Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 17Page - Analog Devices LTM4675 Datasheet HTML 18Page - Analog Devices LTM4675 Datasheet HTML 19Page - Analog Devices LTM4675 Datasheet HTML 20Page - Analog Devices LTM4675 Datasheet HTML 21Page - Analog Devices LTM4675 Datasheet HTML 22Page - Analog Devices LTM4675 Datasheet HTML 23Page - Analog Devices LTM4675 Datasheet HTML 24Page - Analog Devices LTM4675 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
LTM4675
21
Rev. D
For more information www.analog.com
OPERATION
POWER MODULE INTRODUCTION
The LTM4675 is a highly configurable dual 9A output
standalone nonisolated switching mode step-down
DC/DC power supply with built-in EEPROM NVM (non-
volatile memory) with ECC and I2C-based PMBus/SMBus
2-wire serial communication interface capable of 400kHz
SCLbusspeed.Twooutputvoltagescanberegulated(VOUT0,
VOUT1—collectively, VOUTn) with a few external input and
outputcapacitorsandpull-upresistors.Readbacktelemetry
data of average input and output voltages and currents,
Channel PWM duty cycles, and module temperatures are
continually digitized cyclically by an integrated 16-bit ADC
(analog-to-digital converter). Many fault thresholds and
responses are customizable. Data can be autonomously
saved to EEPROM when a fault occurs, and the resulting
faultlogcanberetrievedoverI2Catalatertime,foranalysis.
The LTM4675 provides precisely regulated output voltages
between0.6VDCto5.5VDC(±0.5%above1VDC,±5mVbelow
1VDC).Thetargetoutputvoltagecanbesetaccordingtopin-
strapping resistors (VOUTnCFG and VTRIMnCFG pins), NVM/
register settings, and altered on the fly via the I2C interface.
The output voltage can be modified by the user at any time
with a write to PMBus VOUT_COMMAND. Executing this
command has a typical latency less than 10ms. Writes to
PMBus OPERATION have a typical latency less than 1ms.
The NVM factory-default switching frequency is 500kHz and
the phase-interleaving angle between its two channels is
180°. Channel switching frequency, phase angle, and phase
relationship with respect to the falling edge of the SYNC pin
waveformcanbeconfiguredaccordingtoapin-strapresistor
(FSWPHCFGpin)andNVM/registersettings—though,notonthe
flyduringregulation.The7-bitI2Cslaveaddressofthemodule
defaults to the value retrieved from MFR_ADDRESS[6:0] at
power-up (factory default: 0x4F), but the least significant
four bits of the address are set by resistor pin-strapping the
ASEL pin. Bits[6:4] of MFR_ADDRESS can be written and
stored to EEPROM. Between the ASEL resistor pin-strap and
user-configurable MFS_ADDRESS[6:4], the LTM4675 can
take on any 7-bit slave address desired. With the exception
of the ASEL pin, the module can be configured to ignore all
pin-strap resistors, if desired (see MFR_CONFIG_ALL[6]).
Table1providesasummaryofLTM4675’ssupportedPMBus
commands.Fordetailsonthesupportedcommands,payloads
and data formats see Appendix C: PMBus Command Details.
For introductory information about the PMBus Specifica-
tion, see Appendix A: Similarity Between PMBus, SMBus
and I2C 2-Wire Interface. For information about the data
communication link layer and timing diagrams, see Ap-
pendix B: PMBus Serial Digital Interface.
Major features of the LTM4675 strictly from a DC/DC
converter power delivery point of view are as follows:
n
Up to 9A Output Current Delivery from Each of Two
Integrated Power Stages (See Front Page Figure)—
or Up to 18A Output, Combined (See Figure 27 and
Figure 34).
n
Wide Input Voltage Range: DC/DC Step-Down Con-
version from 5.75V to 17V Input (See Figure 61).
n
DC/DCStep-DownConversionfrom4.5Vto5.75VInput,
Connecting SVIN to INTVCC (See Figure 27).
n
DC/DCStep-DownConversionPossiblefromLessThan
4.5V Input When an Auxiliary 5V Bias Supply Powers
SVIN and INTVCC (See Figure 29).
n
Output Voltage Range: 0.5V to 5.5V on both VOUT0 and
VOUT1.
n
Differential Remote Sensing of VOUT0 (VOSNS0+/
VOSNS0–). For paralleled outputs, the VOSNS0+/VOSNS0–
pin-pair can be configured as the feedback path for
both VOUT0 and VOUT1 (see Figure 34 and, optionally,
MFR_PWM_CONFIG[7]).
n
Start-Up Into a Pre-Biased Load Without Sinking
Current.
n
Four LTM4675s Can Be Paralleled to Deliver Up to ~70A
(See Figure 31).
n
One LTM4675 Can Be Paralleled with Three LTM4620A
or LTM4630 Modules to Deliver Up to 122A; Infer
Rail Status and Telemetry of Paralleled LTM4620A or
LTM4630 via the Sole LTM4675 (See Figure 32).
n
Discontinuous Mode Operation Available for Higher
Light-Load Efficiency (MFR_PWM_MODEn[0]).
n
Output Current Limit and Overvoltage Protection.
n
Three Integrated Temperature Sensors, Over/Under-
temperature Protection.
n
Constant Frequency Peak Current Mode Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com