Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4675
Description  Dual 9A or Single 18A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 63Page - Analog Devices LTM4675 Datasheet HTML 64Page - Analog Devices LTM4675 Datasheet HTML 65Page - Analog Devices LTM4675 Datasheet HTML 66Page - Analog Devices LTM4675 Datasheet HTML 67Page - Analog Devices LTM4675 Datasheet HTML 68Page - Analog Devices LTM4675 Datasheet HTML 69Page - Analog Devices LTM4675 Datasheet HTML 70Page - Analog Devices LTM4675 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
LTM4675
67
Rev. D
For more information www.analog.com
Figure 11. 1VOUT Power Loss Curve
Figure 12. 1.8VOUT Power Loss Curve
Figure 13. 3.3VOUT Power Loss Curve
OUTPUT CURRENT (A)
0
2
4
4
6
4675 F11
2
0
6
8
10 12 14 16 18
7
5VIN
3
5
1
8VIN
12VIN
OUTPUT CURRENT (A)
0
2
4
4
6
4675 F12
2
0
6
8
10 12 14 16 18
7
5VIN
3
5
1
8VIN
12VIN
OUTPUT CURRENT (A)
0
2
4
4
6
4675 F13
2
0
6
8
10 12 14 16 18
7
5VIN
3
5
1
8VIN
12VIN
APPLICATIONS INFORMATION-DERATING CURVES
AMBIENT TEMPERATURE (°C)
30
0
2
6
8
10
18
14
40 50 60 70
4675 F17
4
16
12
80
120
90 100 110
400LFM
200LFM
0LFM
Figure 14. 5V to 1V Derating
Curve, No Heat Sink
Figure 15. 12V to 1V Derating Curve,
No Heat Sink
AMBIENT TEMPERATURE (°C)
30
0
2
6
8
10
18
14
40 50 60 70
4675 F14
4
16
12
80
120
90 100 110
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30
0
2
6
8
10
18
14
40 50 60 70
4675 F15
4
16
12
80
120
90 100 110
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30
0
2
6
8
10
18
14
40 50 60 70
4675 F16
4
16
12
80
120
90 100 110
400LFM
200LFM
0LFM
See also Figure 35, 12VIN to 5VOUT Derating Curves.
Figure 16. 5V to 1V Derating
Curve, with Heat Sink
Figure 17. 12V to 1V Derating
Curve, with Heat Sink
AMBIENT TEMPERATURE (°C)
30
0
2
6
8
10
18
14
40 50 60 70
4675 F18
4
16
12
80
120
90 100 110
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
30
0
2
6
8
10
18
14
40 50 60 70
4675 F19
4
16
12
80
120
90 100 110
400LFM
200LFM
0LFM
Figure 18. 5V to 1.8V Derating
Curve, No Heat Sink
Figure 19. 12V to 1.8V Derating
Curve, No Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com