Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 24Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
27 / 105
aaa-029956
120 µs
GRP3_DLY
120 µs
GRP2_DLY
120 µs
GRP1_DLY
10 µs
PWRON
SWND1
SW2
RESETBMCU
SW1
LDO1
PDWN_GRP1
GPR1_DLY = 120 µs
SW1
LDO1
RESETBMCU_DLY = 10 µS
PDWN_GRP2
GPR2_DLY = 120 µs
SW2
PDWN_GRP3
GPR3_DLY = 120 µs
SWND1
NA
PDWN_GRP4
Figure 10. Group power down sequence example
14.6.2.3 Power down delay
After a power down sequence is started, the PWRON pin shall be masked until the
sequence is finished and the programmable power down delay is reached. The device
can power up again if a power up event is present. The power down delay time can be
programmed on an OTP via the OTP_PD_SEQ_DLY[1:0] bits.
Table 22. Power down delay selection
OTP_PD_SEQ_DLY[1:0]
Delay after power down sequence
00
No delay
01
1.5 ms
10
5.0 ms
11
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com