Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 65Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
64 / 105
Symbol
Parameter
Min
Typ
Max
Units
PSRRVLDO1
DC PSRR
ILDO1 = 150 mA
VLDO1[3:0] = 0000 to 1111
VLDOINx = VLDO1INMIN
48
—
—
dB
TRVLDO1
Turn on rise time (soft-start ramp)
10 % to 90 % of end value
VLDO1 = 3.3 V
ILDO1 = 0.0 mA
—
220
360
μs
tONLDO1
Turn on time
Enable to 90 % of end value
VLDO1 = 5.0 V
ILDO1 = 0.0 mA
—
—
500
μs
tOFFLDO1
Turn off time
Disable to 10 % of initial value
VLDO1 = 5.0 V
ILDO1 = 0.0 mA
—
—
2500
μs
VLDO1OSHT
Startup overshoot
VLDOINx = VLDOINxMIN
VLDO1 = 5.0 V
ILDO1 = 0.0 mA
—
1.0
2.0
%
VLDO1LOTR
Transient load response
ILDO1 = 10 mA to 200 mA in 2.0 μs
Peak of overshoot or undershoot of LDO1 with
respect to final value
−3.0
—
3.0
%
TonLDO1LS
Load switch mode turn on rise time
—
100
500
µs
RdischLDO1
Output discharge resistance when LDO is disabled
LDO and switch mode
45
90
135
Ω
ILSxLIM
Load switch mode current limit when enabled
LSxILIM_EN = 1
450
800
1200
mA
RLDO1TBB
LDO1 pull-down resistance during TBB mode
TBBEN = 1 and in QPU_OFF state
1.0
2
—
kΩ
[1]
Maximum RDS(on) resistance does not include bondwire resistance. Consider ± 50 % tolerance to account for bondwire and pin losses.
15.6 Voltage monitoring
The PF5020 provides OV and UV monitoring capability for the following voltage
regulators:
• SW1, SW2 and SWND1
• LDO1
A programmable UV threshold is selected via the OTP_SWxUV_TH[1:0] and
OTP_LDOxUV_TH[1:0] bits. UV threshold selection represents a percentage of the
nominal voltage programmed on each regulator.
Table 57. UV threshold configuration register
OTP_SWxUV_TH[1:0]
OTP_LDOxUV_TH[1:0]
UV threshold level
00
95 %
01
93 %
10
91 %
11
89 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com