Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
60 / 105
Symbol
Parameter
Min
Typ
Max
Unit
VSWND1IN
Operating input voltage range
1.85 V < VSWND1FB < 4.5 V, DCR ≤ 40 mΩ
VSWND1FB +
0.65
—
5.5
V
VSWND1ACC
Output voltage accuracy
PWM mode
0 ≤ ISWND1 ≤ 2.5 A
−2.0
—
2.0
%
VSWND1ACC
Output voltage accuracy
PFM mode
0 ≤ ISWND1 ≤ ΔI/2
−4.0
—
4.0
%
tPFMtoPWM
PFM to PWM transition time
10
—
—
µs
ISWND1
Maximum output load
2500
—
—
mA
ISWND1LIM
Current limiter - inductor peak current detection
SWND1ILIM = 00
1.6
2.1
2.5
A
ISWND1LIM
Current limiter - inductor peak current detection
SWND1ILIM = 01
2.0
2.6
3.1
A
ISWND1LIM
Current limiter - inductor peak current detection
SWND1ILIM = 10
2.4
3.0
3.7
A
ISWND1LIM
Current limiter - inductor peak current detection
SWND1ILIM = 11
3.6
4.5
5.45
A
ISWND1NILIM
Negative current limit - inductor valley current detection
0.7
1.0
1.3
A
tSWND1RAMP
Soft-start ramp time during power up and power down
VSWND1FB = 1.8 V
90
—
200
µs
tONSWND1
Turn on time
From regulator enabled to 90 % of end value
VSWND1FB = 1.8 V
100
180
300
µs
VSWND1OSH
Startup overshoot
−50
—
50
mV
ηSWND1
Efficiency
PFM mode, 3.3 V, 1.0 mA, TJ = 125 °C
—
85
—
%
ηSWND1
Efficiency
PFM mode, 3.3 V, 50 mA, TJ = 125 °C
—
88
—
%
ηSWND1
Efficiency
PFM mode, 3.3 V, 100 mA, TJ = 125 °C
—
90
—
%
ηSWND1
Efficiency
PWM mode, 3.3 V, 400 mA, TJ = 125 °C
—
91
—
%
ηSWND1
Efficiency
PWM mode, 3.3 V, 1000 mA, TJ = 125 °C
—
92
—
%
ηSWND1
Efficiency
PWM mode, 3.3 V, 2000 mA, TJ = 125 °C
—
90
—
%
FSWx
PWM switching frequency range
Frequency set by CLK_FREQ[3:0]
1.9
2.5
3.15
MHz
TONminSWND1
Minimum on time
—
50
—
ns
TDBSWND1
Deadband time
—
3.0
—
ns
Tslew
Slewing time
10 % to 90 %
VSWND1IN = 5.5 V
—
—
5.0
ns
ΔVSWND1
Output ripple
Output cap ESR ~ 10 mΩ, 2 × 22 µF
−1.0
—
1.0
%
VSWND1LOTR
Transient load regulation (overshoot/undershoot)
at VSWND1FB = 1.8 V, COUT = 44 µF
ILOAD = 200 mA to 1.0 A, di/dt = 2.0 A/µs
−50
—
50
mV
IRCS
DCM (skip mode) reverse current sense threshold
—
10
—
mA
ISWND1Q
Quiescent current
PFM mode
—
18
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com