Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
46 / 105
aaa-029992
XFAILB During Power Up Sequence
Slave Ready to start Power Up Sequence (waiting)
Pin externally pulled down
2 ms
MASTER
PMIC
PWRON
XFAILB
RESETBMCU
POWER DOWN
Signal
POWER UP
Sequence
POWER UP
Sequence
SLAVE
PMIC
XFAILB
POWER DOWN
Signal
Power Up Sequence is started
until both XFAILB are pulled high
Figure 21. External XFAILB event during a power up sequence
14.9.11 SDA and SCL (I2C bus)
Communication with the PF5020 is done through I2C and it supports high-speed
operation mode with up to 3.4 MHz operation. SDA and SCL are pulled up to VDDIO with
1.5 kΩ resistors.
The PF5020 is designed to operate as a slave device during I2C communication. The
default I2C device address is set by the OTP_I2C_ADD[2:0].
Table 33. I2C address configuration
OTP_I2C_ADD[2:0]
Device address
000
0x08
001
0x09
010
0x0A
011
0x0B
100
0x0C
101
0x0D
110
0x0E
111
0x0F
See http://www.nxp.com/documents/user_manual/UM10204.pdf for detailed information
on the digital I2C communication protocol implementation.
During an I2C transaction, the communication will latch after the 8th bit sent. If the data
sent is not a multiple of 8 bit, any word with less than 8 bits will be ignored. If only 7 bits
are sent, no data is written and the logic will not provide an ACK bit to the MCU.
From an IC level, a wrong I2C command can create a system level safety issue. For
example, though the MCU may have intended to set a given regulator’s output to 1.0 V, it
may be erroneously registered as 1.1 V due to noise in the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com