Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
79 / 105
A hard WD reset is used to force a system power-on reset when the MCU has become
unresponsive. In this scenario, a full OTP register reset is performed.
During a hard WD reset, the device turns off all regulators and asserts RESETBMCU
as indicated by the power down sequence. If PGOOD is programmed as a GPO and
configured as part of the power up sequence, it will also be disabled accordingly.
After all regulator's outputs have gone through the power down sequence and the power
down delay is finished , the device waits for 30 µs before reloading the default OTP
configuration and get ready to start a power up sequence if the XFAILB pin is not held
low externally.
aaa-028074
System
ON
30 µs
WD Reset
Power Down
Sequence
Power Up
Sequence
Power down
Delay
Regulator
Outputs
WDI Event
VSNVS
RESETBMCU
WD OK
Default OTP
WD OK
WD Event
Hard WD Reset Behavior
Figure 33. Hard WD reset behavior
After a WD reset, the PMIC may enter the Standby state depending on the status of
STANDBY pin.
Every time a WD event occurs, the WD_EVENT_CNT[3:0] nibble is incremented.
To prevent continuous failures, if the WD_EVENT_CNT[3:0] = WD_MAX_CNT[3:0]
the state machine will proceed to the fail-safe transition. The MCU is expected to
clear the WD_EVENT_CNT[3:0] when it is able to do so in order to keep proper
operation. Upon power up, the WD_MAX_CNT[3:0] is loaded with the values on the
OTP_WD_MAX_CNT[3:0] bits.
Every time the device passes through the off states, the WD_EVENT_CNT[3:0] is reset
to 0x00, to ensure the counter has a fresh start after a device power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com