Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
73 / 105
Table 64. Thermal monitor specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Operating voltage range of thermal circuit
UVDET
—
5.5
V
TCOF
Thermal sensor coefficient
—
−3.8
—
mV/ºC
VTSROMM
Thermal sensor voltage
24 ºC
—
1.414
—
V
TSEN_RANGE
Thermal sensor temperature range
–40
—
175
ºC
T80C
80 ºC temperature threshold
70
80
90
ºC
T95C
95 ºC temperature threshold
85
95
105
ºC
T110C
110 ºC temperature threshold
100
110
120
ºC
T125C
125 ºC temperature threshold
115
125
135
ºC
T140C
140 ºC temperature threshold
130
140
150
ºC
T155C
155 ºC temperature threshold
145
155
165
ºC
TSD
Thermal shutdown threshold
155
165
175
ºC
TWARN_HYS
Thermal threshold hysteresis
—
5.0
—
ºC
TSD_HYS
Thermal shutdown hysteresis
—
10
—
ºC
t_temp_db
Debounce timer for temperature thresholds (bidirectional)
—
10
—
µs
tSinterval
Sampling interval time
When TMP_MON_AON = 1
—
3.0
—
ms
tSwindow
Sampling window
When TMP_MON_AON = 1
—
450
—
µs
As the temperature crosses the thermal thresholds, the corresponding interrupts are
set to notify the system. The processor may take appropriate action to bring down the
temperature (either by turning off external regulators, reducing load, or turning on a fan).
A 5 ºC hysteresis is implemented on a falling temperature in order to release the
corresponding THERM_x_S signal. When the shutdown threshold is crossed, the
PF5020 initiates a thermal shutdown and it prevents from turning back on until the 15 ºC
thermal shutdown hysteresis is crossed as the device cools down.
The temperature monitor can be enabled or disabled via I2C with the TMP_MON_EN bit.
• When TMP_MON_EN = 0, the temperature monitor circuit is disabled.
• When TMP_MON_EN = 1, the temperature monitor circuit is enabled.
In the Run state, the temperature sensor can operate in always On or Sampling modes.
• When the TMP_MON_AON = 1, the device is always on during the Run mode.
• When the TMP_MON_AON = 0, the device operates in sampling mode to reduce
current consumption in the system. In Sampling mode, the thermal monitor is turned on
during 450 µs at a 3.0 ms sampling interval.
In the Standby mode, the thermal monitor operates only in sampling mode as long as the
TMP_MON_EN = 1.
Table 65. Thermal monitor bit description
Bit(s)
Description
THERM_80_I, THERM_80_S, THERM_80_M
Interrupt, sense and mask bits for 80 ºC threshold
THERM_95_I, THERM_95_S, THERM_95_M
Interrupt, sense and mask bits for 95 ºC threshold
THERM_110_I, THERM_110_S, THERM_110_M
Interrupt, sense and mask bits for 110 ºC threshold
THERM_125_I, THERM_125_S, THERM_125_M
Interrupt, sense and mask bits for 125 ºC threshold
THERM_140_I, THERM_140_S, THERM_140_M
Interrupt, sense and mask bits for 140 ºC threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com