Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 65Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
68 / 105
aaa-033243
DIVIDE
BY
1 OR 6
INTERNAL
OSCILLATOR
20 MHz ± 20 % 16 to 24 MHz
SYNC
333 to 500 kHz
or 2 - 3 MHz
16 to 24 MHz
16 to 24 MHz
16 to 24 MHz
CLOCK MANAGEMENT BLOCK
416.67 kHz
333 kHz - 500 kHz
333 kHz - 500 kHz
En
OUT
f1
f1 + 45°
f1 + 90°
f1 + 135°
f1 + 180°
f1 + 225°
f1 + 270°
f1 + 315°
IN
centered
DIVIDE
BY
48
FREQUENCY
WATCHDOG
INTERNAL
OSCILLATOR
100 kHz ± 5 %
FSS_EN
FSS_RANGE
CKL_FRQ[3:0]
FSYNC_RANGE
SYNC_MODE
100 kHz
system clock
MUX
0
1
MUX
0
1
SYNCOUT_EN
PLL
X48
DIV 1
BY 8
DLY
DLY
DLY
DLY
DLY
DLY
DLY
DLY
I/O
SYNCOUT
Figure 28. Clock management architecture
15.7.1 Low frequency clock
A low power 100 kHz clock is provided for overall logic and digital control. Internal logic
and debounce timers are based on this 100 kHz clock.
15.7.2 High frequency clock
The PF5020 features a high frequency clock with nominal frequency of 20 MHz. Clock
frequency is programmable over a range of ±20 % via the CLK_FREQ[3:0] control bits.
15.7.3 Manual frequency tuning
The PF5020 features a manual frequency tuning to set the switching frequency of the
high frequency clock. The CLK_FREQ [3:0] bits allow a manual frequency tuning of the
high frequency clock from 16 MHz to 24 MHz.
If a frequency change of two or more steps is requested by a single I2C command, the
device performs a gradual frequency change passing through all steps in between with a
5.2 µs time between each frequency step. When the frequency reaches the programmed
value, The FREQ_RDY_I asserts the INTB pin, provided it is not masked.
When the internal clock is used as the main frequency for the power generation, an
internal frequency divider by 8 is used to generate the switching frequency for all the
buck regulators. Adjusting the frequency of the high frequency clock allows for manual
tuning of the switching frequencies for the buck regulators from 2.0 MHz to 3.0 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com