Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
59 / 105
When the device toggles from Run to Standby mode, the SWND1 output voltage
remains the same, unless the regulator is enabled/disabled by the corresponding
SWND1_RUN_MODE[1:0] or SWND1_STBY_MODE[1:0] bits.
The SWND1ILIM [1:0] bits are used to program the current limit detection level of
SWND1.
Table 49. SWND1 current limit selection
SWND1ILIM[1:0]
Typical current limit
00
2.1 A
01
2.6 A
10
3.0 A
11
4.5 A
Regulator SWND1 uses 3 bits (SWxPHASE[2:0]) to control the phase shift of the
switching frequency. Upon power up, the switching phase is defaulted to 0° and can be
modified during the system On state.
Table 50. SWND1 phase configuration
SWND1_PHASE[2:0]
Phase shift (°)
000
45
001
90
010
135
011
180
100
225
101
270
110
315
111
0
SWND1 buck regulator provide 2 OTP bits to configure the value of the inductor used
in the power stage. The OTP_SWND1_LSELECT[1:0] allow to choose the inductor as
shown in Table 51.
Table 51. SWND1 inductor selection bits
OTP_SWND1_LSELECT[1:0]
Inductor value
00
1.0 µH
01
0.47 µH
10
1.5 µH
11
Reserved
15.4.1 Electrical characteristics
Table 52. Type 2 buck regulator electrical characteristics
All parameters are specified at TA = −40 to 125 °C, VIN = VSWND1IN = UVDET to 5.5 V, VSWND1FB = 1.8 V, ISWND1 = 500 mA,
typical external component values, fSW = 2.25 MHz, unless otherwise noted. Typical values are characterized at VSWND1IN =
5.0 V, VSWND1FB = 1.8 V, ISWND1 = 500 mA, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
VSWND1IN
Operating input voltage range
1.2 V < VSWND1FB ≤ 1.85 V, DCR ≤ 40 mΩ
UVDET
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com