Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
47 / 105
To prevent a wrong I2C configuration, various protective mechanisms are implemented.
14.9.11.1 I2C CRC verification
When this feature is enabled, a selectable CRC verification is performed on each I2C
transaction.
• When OTP_I2C_CRC_EN = 0, the CRC verification mechanism is disabled.
• When OTP_I2C_CRC_EN = 1, the CRC verification mechanism is enabled.
After each I2C transaction, the device calculates the corresponding CRC byte to ensure
the configuration command has not been corrupted.
When a CRC fault is detected, the PF5020 ignores the erroneous configuration
command and triggers a CRC_I interrupt asserting the INTB pin, provided the interrupt is
not masked.
The PF5020 implements a CRC-8-SAE, per the SAE J1850 specification.
• Polynomial = 0x11D
• Initial value = 0xFF
aaa-028696
7
MSB Data
6
5
4
1
0
3
I2C CRS Polynominal
Seed: 1 1 1 1 1 1 1 1
2
Figure 22. 8 bit SAE J1850 CRC polynomial
14.9.11.2 I2C secure write
A secure write mechanism is implemented for specific registers critical to the functional
safety of the device.
• When OTP_I2C_ SECURE_EN = 0, the secure write is disabled.
• When OTP_I2C_ SECURE_EN = 1, the secure write is enabled.
When the secure write is enabled, a specific sequence must be followed in order to grant
writing access on the corresponding secure register.
Secure write sequence is as follows:
• MCU sends command to modify the secure registers
• PMIC generates a random code in the RANDOM_GEN register
• MCU reads the random code from the RANDOM_GEN register and writes it back on
the RANDOM_CHK register
The PMIC compares the RANDOM_CHK against the RANDOM_GEN register:
• If RANDOM_CHK [7:0] = RANDOM_GEN[7:0], the device applies the configuration
on the corresponding secure register, and self-clears both the RANDOM_GEN and
RANDOM_CHK registers.
• If RANDOM_CHK[7:0] different from RANDOM_GEN[7:0], the device ignores the
configuration command and self-clears both the RANDOM_GEN and RANDOM_CHK
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com