Electronic Components Datasheet Search
  English  ▼

X  

MPF5020AMBA0ES Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
40 / 105
STANDBY can be configured as active high or active low using the STANDBYINV bit.
Table 30. Standby pin polarity control
STANDBY (pin)
STANDBYINV (I2C bit)
STANDBY control
0
0
Not in Standby mode
0
1
In Standby mode
1
0
In Standby mode
1
1
Not in Standby mode
14.9.3 RESETBMCU
RESETBMCU is an open-drain, active low output used to bring the processor (and
peripherals) in and out of reset.
The time slot RESETBMCU is de-asserted during the power up sequence is programmed
by the OTP_RESETBMCU_SEQ[7:0] bits, and it is a condition to enter the system On
state.
During the system On state, the RESETBMCU is de-asserted (pulled high), and it is
asserted (pulled low) as indicated in the power down sequence, when a system power
down or reset is initiated.
In the application, RESETBMCU can be pulled up to VDDIO or VSNVS by a 10 kΩ
external resistor. It is also recommended to add a 10 nF bypass capacitor close to the pin
to improve the EM immunity performance.
14.9.4 INTB
INTB is an open-drain, active low output. This pin is asserted (pulled low) when any
interrupt occurs, provided that the interrupt is not masked.
INTB is de-asserted after the corresponding interrupt latch is cleared by software, which
requires writing a “1” to the interrupt bit.
An INTB_TEST bit is provided to allow a manual test of the INTB pin. When INTB_TEST
is set to 1, the interrupt pin asserts for 100 µs and then de-asserts to its normal state.
The INTB_TEST bit self-clears to 0 automatically after the test pulse is generated.
In the application, INTB can be pulled up to VDDIO with an external 100 kΩ resistor.
14.9.5 WDI
WDI is an input pin to the PF5020 and is intended to operate as an external watchdog
monitor.
When the WDI pin is connected to the watchdog output of the processor, this pin is used
to detect a pulse to indicate a watchdog event is requested by the processor. When the
WDI pin is asserted, the device starts a watchdog event to place the PMIC outputs in a
default known state.
The WDI pin is monitored during the system On state. In the Off modes and during the
power up sequence, the WDI pin is masked until RESETBMCU is de-asserted.
The WDI can be configured to assert on the rising or the falling edge using the
OTP_WDI_INV bit.
• When OTP_WDI_INV = 0, the device starts a WD event on the falling edge of the WDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com